Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8003 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM8003
Description  40VIN, 2.5A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8003 Datasheet(HTML) 5 Page - Linear Technology

  LTM8003 Datasheet HTML 1Page - Linear Technology LTM8003 Datasheet HTML 2Page - Linear Technology LTM8003 Datasheet HTML 3Page - Linear Technology LTM8003 Datasheet HTML 4Page - Linear Technology LTM8003 Datasheet HTML 5Page - Linear Technology LTM8003 Datasheet HTML 6Page - Linear Technology LTM8003 Datasheet HTML 7Page - Linear Technology LTM8003 Datasheet HTML 8Page - Linear Technology LTM8003 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LTM8065
5
8065fa
For more information www.linear.com/LTM8065
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C, unless otherwise noted.
Efficiency, VOUT = 12V,
BIAS = 5V
Efficiency, VOUT = 15V,
BIAS = 5V
Efficiency, VOUT = 18V,
BIAS = 5V
Efficiency, VOUT = –3.3V,
BIAS tied to LTM8065 GND
Efficiency, VOUT = –5V,
BIAS tied to LTM8065 GND
Efficiency, VOUT = –8V,
BIAS tied to LTM8065 GND
Efficiency, VOUT = –12V, BIAS tied
to LTM8065 GND
Efficiency, VOUT = –15V, BIAS tied
to LTM8065 GND
Efficiency, VOUT = –18V, BIAS tied
to LTM8065 GND
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
60
70
80
90
100
8065 G10
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
60
70
80
90
100
8002 G11
24VIN
36VIN
LOAD CURRENT (A)
0
1
2
3
60
70
80
90
100
8065 G12
12VIN
24VIN
35VIN
LOAD CURRENT (A)
0
1
2
3
60
65
70
75
80
85
8065 G13
12VIN
24VIN
LOAD CURRENT (A)
0
1
2
3
50
60
70
80
90
8065 G14
12VIN
24VIN
LOAD CURRENT (A)
0
1
2
3
50
60
70
80
90
8065 G15
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
2
60
65
70
75
80
85
8065 G16
12VIN
24VIN
LOAD CURRENT (A)
0
0.5
1
1.5
50
60
70
80
90
8065 G17
12VIN
LOAD CURRENT (A)
0
0.25
0.50
0.75
1
1.25
60
65
70
75
80
85
8065 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com