Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM8032 Datasheet(PDF) 2 Page - Linear Technology

Part # LTM8032
Description  60VIN, 3A Silent Switcher 關Module Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM8032 Datasheet(HTML) 2 Page - Linear Technology

  LTM8032 Datasheet HTML 1Page - Linear Technology LTM8032 Datasheet HTML 2Page - Linear Technology LTM8032 Datasheet HTML 3Page - Linear Technology LTM8032 Datasheet HTML 4Page - Linear Technology LTM8032 Datasheet HTML 5Page - Linear Technology LTM8032 Datasheet HTML 6Page - Linear Technology LTM8032 Datasheet HTML 7Page - Linear Technology LTM8032 Datasheet HTML 8Page - Linear Technology LTM8032 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTM8073
2
8073fa
For more information www.linear.com/LTM8073
pin conFiguraTion
absoluTe MaxiMuM raTings
(Notes 1, 2)
A
1
2
3
4
5
6
BANK 2
VIN
TOP VIEW
GND
RUN
TR/SS
RT
SYNC
SHARE
PG
AUX
BIAS
FB
GND
BANK 1
GND
BANK 3
VOUT
B
C
D
E
F
G
H
48-LEAD (9mm × 6.25mm × 3.32mm) BGA PACKAGE
TJMAX = 125°C, θJA = 23.6°C/W, θJCbottom = 4.4°C/W,
θJCtop = 11.3°C/W, θJB = 2.8°C/W, WEIGHT = 0.5g
θ VALUES DETERMINED PER JEDEC 51-9, 51-12
VIN, RUN Voltage ......................................................65V
PG Voltage ................................................................42V
AUX, VOUT, BIAS Voltage ..........................................19V
FB, TR/SS Voltage.......................................................4V
SYNC Voltage..............................................................6V
Maximum Internal Temperature (Note 4) .............. 125°C
Storage Temperature.............................. –55°C to 125°C
Peak Solder Reflow (Package Body) Temperature..250°C
PART NUMBER
TERMINAL FINISH
PART MARKING*
PACKAGE
TYPE
MSL
RATING
TEMPERATURE RANGE
(Note 3)
DEVICE
FINISH CODE
LTM8073EY#PBF
SAC305 (RoHS)
LTM8073
e1
BGA
3
–40°C to 125°C
LTM8073IY#PBF
• Consult Marketing for parts specified with wider operating temperature
ranges. *Device temperature grade is indicated by a label on the shipping
container. Pad or ball finish code is per IPC/JEDEC J-STD-609.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended BGA PCB Assembly and Manufacturing Procedures:
www.linear.com/umodule/pcbassembly
• BGA Package and Tray Drawings: www.linear.com/packaging
orDer inForMaTion http://www.linear.com/product/LTM8073#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com