Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3385GR Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3385GR
Description  4 String WLED Controller With I2C Interface Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3385GR Datasheet(HTML) 8 Page - Monolithic Power Systems

  MP3385GR Datasheet HTML 1Page - Monolithic Power Systems MP3385GR Datasheet HTML 2Page - Monolithic Power Systems MP3385GR Datasheet HTML 3Page - Monolithic Power Systems MP3385GR Datasheet HTML 4Page - Monolithic Power Systems MP3385GR Datasheet HTML 5Page - Monolithic Power Systems MP3385GR Datasheet HTML 6Page - Monolithic Power Systems MP3385GR Datasheet HTML 7Page - Monolithic Power Systems MP3385GR Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
EV3385-R-00A: 4 STRING WHITE LED CONTROLLER WITH I
2C INTERFACE
NOTICE:
The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
EV3385-R-00A Rev.1.1
www.MonolithicPower.com
8
5/21/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Figure 2 — MP3385 GUI
For part 7, only when it’s displayed that “Hardware: connected. Demo Mode-connection with the EV
kit. ” in blue at bottom left of GUI, click button operation is effective. Otherwise check the software and
hardware driver again until it’s connected.
For part 1, switching frequency and protection threshold can be changed through the drop-down boxes.
Maximum current amplitude can be changed through the slide. Write all the above data by clicking
button “WRITE BASIC SETTING”
For part 2, dimming mode can be changed by radio button.
For part 3, disable the unused LED string by radio button”LED1, LED2, LED3 and LED4”, Write data by
clicking button “MP3385 SOFTWARE SWITCH”
For part 4, dimming duty in internal dimming mode can be changed by dragging the slide. Another way,
sweep the dimming duty from low to high by 1% step. Sweep ceases when click “stop” button.
For part 5, reading current fault when click the button “READ BUTTON”.
For part 6, reading all register of MP3385 when click button” READ ALL REGISTER AND RESET GUI”.
Part 6 shows current value of register and the whole GUI will conform to current register.
.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com