Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP3388EY Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3388EY
Description  8 string White LED Driver Evaluation Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3388EY Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3388EY Datasheet HTML 1Page - Monolithic Power Systems MP3388EY Datasheet HTML 2Page - Monolithic Power Systems MP3388EY Datasheet HTML 3Page - Monolithic Power Systems MP3388EY Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EV3388EY-00A
8 string White LED Driver
Evaluation Board
EV3388EY-00A Rev.1.0
www.MonolithicPower.com
1
11/3/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The EV3388EY-00A is an evaluation board for the
MP3388EY, a step-up converter designed for large
liquid-crystal displays that employ an array of LEDs
as the light source. It can drive up to 8 strings in
parallel and 10 LEDs per string.
The MP3388 uses internal switch current mode,
fixed frequency architecture and includes current
ballast in each string terminal, which achieves
±3% current regulation accuracy between strings.
Low feedback voltage at each LED string help
reduce power loss and improve efficiency.
The MP3388 has multiple features to protect the
converter from fault conditions, including under-
voltage lockout, current limiting, over voltage,
short LED, open LED and thermal shut-down
protection.
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Value
Units
Input
Voltage
VIN
5 – 25
V
LEDs #
8 string parallel and
10 LEDs each string
LED Current
ILED
20/string
mA
FEATURES
• 5V to 25V Input Voltage Range
• Up to 89% Efficiency
• Programmable Over Voltage Protection
• Drives up to 8 Strings Parallel and 10 LEDs
in Series.
• 3% Current Regulation Accuracy Between
Strings
• Selectable Switching Frequency: 1.25MHz
and 625kHz
• Open and Short LED Load Protection
• Thermal Shutdown
APPLICATIONS
• Notebook PC
• Small LCD TV
• Handy Terminals Display
• Automotive Systems and Tablet Computer
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
EV3388EY-00A EVALUATION BOARD
(L x W x H) 6.0cm x 3.2cm x 1.0cm
Board Number
MPS IC Number
EV3388EY-00A
MP3388EY


Similar Part No. - MP3388EY

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3388EY MPS-MP3388EY Datasheet
342Kb / 14P
50V, 8-String White LED Driver
More results

Similar Description - MP3388EY

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2592 EUTECH-EUP2592 Datasheet
53Kb / 1P
8-String White LED Driver for LCD 8-String White LED Driver for LCD
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
Four-String, White LED Driver
REV. A
logo
Monolithic Power System...
MP3388 MPS-MP3388 Datasheet
342Kb / 14P
50V, 8-String White LED Driver
EV3391EY00A MPS-EV3391EY00A Datasheet
192Kb / 7P
8 String White LED Driver Evaluation Board
EV3393-F-00A MPS-EV3393-F-00A Datasheet
301Kb / 7P
Step-Up,8-String, External Transistor White LED Driver Evaluation Board
EV3386DR-00A MPS-EV3386DR-00A Datasheet
214Kb / 4P
6 string White LED Driver Evaluation Board
EV3388DR-00A MPS-EV3388DR-00A Datasheet
157Kb / 4P
8 strings White LED Driver Evaluation Board
EV3388DR-01A MPS-EV3388DR-01A Datasheet
374Kb / 6P
8 strings White LED Driver Evaluation Board
EV3391EF-00A MPS-EV3391EF-00A Datasheet
204Kb / 7P
8 String White LED Driver Evaluation Board
EVQ3386-R-00A MPS-EVQ3386-R-00A Datasheet
239Kb / 6P
6 string White LED Driver Evaluation Board AEC-Q100 Qualified
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com