Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6902DS Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6902DS
Description  High Efficiency Synchronous Rectification EV Board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6902DS Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6902DS Datasheet HTML 1Page - Monolithic Power Systems MP6902DS Datasheet HTML 2Page - Monolithic Power Systems MP6902DS Datasheet HTML 3Page - Monolithic Power Systems MP6902DS Datasheet HTML 4Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EV6902-S-00B – HIGH EFFICIENCY SYNCHRONOUS RECTIFICATION EV BOARD
EV6902-S-00B Rev. 1.0
www.MonolithicPower.com
2
12/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
75V/0.15A
D3
D1 NS
Q2
NS
100K
R2
1nF
C2
2.2uF
C1
1
VG
1
VS
1
VD
1
VDD
1
EN
1
PGND
1K
R3
Q1
MOSFET
VSS
5
VG
8
VD
4
NC
7
RLL
3
PGND
1
EN
2
VDD
6
U1
MP6902/SO8
0
R1
D2 NS
NS
R4
100K
R5
100K
R6
Q3
0
R7
D4
BZT52C20-F/20V/5mA
EV6902-S-00B BILL OF MATERIALS
Qty
RefDes
Value
Description
Package
Manufacturer
Manufacturer P/N
1
C1
2.2μF
Ceramic Cap., 25V, X7R
0805
muRata
GRM21BR71E225KA73L
1
C2
1Nf
Ceramic Cap., 50V, X7R
0603
TDK
C1608X7R1H102K
2
R1,R7
0
Film Res., 5%
0603
Yageo
RC0603JR-070RL
1
R2
100k
Film Res., 1%
0603
Yageo
RC0603FR-07100KL
1
R3
1k
Film Res., 1%
0603
Royaohm
0603F1001T5E
0
R4
NS
2
R5,R6
100k
Film Res., 5%
0805
Yageo
RC0805JR-07100KL
N-CH 100V 8.8mΩ
TO220-AB
Vishay
SUP90N10-8M8P
1
Q1
MOSFET
N-CH 100V 8mΩ
TO220
APEC
AP85T10GP
0
Q2
NS
PowerPAK-
SO8
1
Q3
MMBTA06LT1G
NPN
Transistor,
80V,
0.5A
SOT-23
DIODES
MMBTA06LT1G
0
D1
NS
SMB
0
D2
NS
TO220
1
D3
DIODES
75V/0.15A
SOD323
IN4148WS-7-F
1
D4
BZT52C20
ZENER DIODE, 20V
SOT-123
DIODES
BZT52C20-F
1
U1
MP6902DS
MP6902DS
SO-8
MPS
MP6902DS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com