Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL-520 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # PL-520
Description  Green Laser Diode in TO38 ICut Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PL-520 Datasheet(HTML) 2 Page - OSRAM GmbH

  PL-520 Datasheet HTML 1Page - OSRAM GmbH PL-520 Datasheet HTML 2Page - OSRAM GmbH PL-520 Datasheet HTML 3Page - OSRAM GmbH PL-520 Datasheet HTML 4Page - OSRAM GmbH PL-520 Datasheet HTML 5Page - OSRAM GmbH PL-520 Datasheet HTML 6Page - OSRAM GmbH PL-520 Datasheet HTML 7Page - OSRAM GmbH PL-520 Datasheet HTML 8Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
04.02.2016
2
Version 1.1
PL 520
Ordering Information
Maximum Ratings
Operation outside these conditions may damage the device. Operation at maximum ratings may influence
lifetime.
Laser Characteristics (Tcase = 25 °C)
Type:
Optical Output Power
Ordering Code
Popt (Tcase = 25°C)
PL 520_B1
50 mW
Q65111A2445
PL 520_B1_2
30 mW
Q65111A3559
Parameter
Symbol
Values
Unit
min.
max.
Operating Current
IF
200
mA
Operating Temperature
Tcase
-20
+60
°C
Storage Temperature
Tstg
-40
+85
°C
Reverse Voltage
VR
2V
Soldering Temperature max. 10 sec.
Tsolder
260
°C
Junction temperature
Tj
120
°C
Parameter
Symbol
Values
Unit
min.
typ.
max.
Emission Wavelength 1)
1) Standard operating conditions refer to a continuous wave output power of Popt = 50 mW (B1) and Popt = 30 mW (B2).
B1
B2
λpeak
515
510
520
515
530
530
nm
nm
Spectral Width (FWHM) 1)
Δλ
–2–
nm
Threshold Current
B1
B2
Ith
–45
50
75
75
mA
mA
Operating Current 1)
B1
B2
IF
125
100
160
140
mA
mA
Operating Voltage 1)
B1
B2
VF
–6.9
6.5
8.0
8.0
V
V
Beam Divergence (FWHM) 1)
θx
θ
5 x
19
7 x
22
9 x
25
deg
Polarization 1)
Pgr
100:1
Modulation Frequency
f
>100
MHz
Thermal Resistance (junction to case)
Rth
–38–
K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com