Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF3710ZPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF3710ZPBF
Description  AUTOMOTIVE MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF3710ZPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF3710ZPBF Datasheet HTML 1Page - International Rectifier IRF3710ZPBF Datasheet HTML 2Page - International Rectifier IRF3710ZPBF Datasheet HTML 3Page - International Rectifier IRF3710ZPBF Datasheet HTML 4Page - International Rectifier IRF3710ZPBF Datasheet HTML 5Page - International Rectifier IRF3710ZPBF Datasheet HTML 6Page - International Rectifier IRF3710ZPBF Datasheet HTML 7Page - International Rectifier IRF3710ZPBF Datasheet HTML 8Page - International Rectifier IRF3710ZPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
6/30/04
www.irf.com
1
HEXFET® is a registered trademark of International Rectifier.
IRF3710ZPbF
IRF3710ZSPbF
IRF3710ZLPbF
HEXFET® Power MOSFET
S
D
G
VDSS = 100V
RDS(on) = 18mΩ
ID = 59A
Features
●
Advanced Process Technology
●
Ultra Low On-Resistance
●
Dynamic dv/dt Rating
●
175°C Operating Temperature
●
Fast Switching
●
Repetitive Avalanche Allowed up to Tjmax
●
Lead-Free
AUTOMOTIVE MOSFET
Description
Specifically designed for Automotive applications,
this HEXFET® Power MOSFET utilizes the latest
processing techniques to achieve extremely low
on-resistance per silicon area. Additional fea-
tures of this design are a 175°C junction operating
temperature, fast switching speed and improved
repetitive avalanche rating . These features com-
bine to make this design an extremely efficient
and reliable device for use in Automotive applica-
tions and a wide variety of other applications.
D2Pak
IRF3710ZS
TO-220AB
IRF3710Z
TO-262
IRF3710ZL
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V (Silicon Limited)
A
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V (See Fig. 9)
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Maximum Power Dissipation
W
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy (Thermally Limited)
d
mJ
EAS (tested)
Single Pulse Avalanche Energy Tested Value
i
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
h
mJ
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.92
°C/W
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
RθJA
Junction-to-Ambient
–––
62
RθJA
Junction-to-Ambient (PCB Mount, steady state)
j
–––
40
Max.
59
42
240
10 lbf•in (1.1N•m)
160
1.1
± 20
170
200
See Fig.12a,12b,15,16
300 (1.6mm from case )
-55 to + 175
PD - 95466


Similar Part No. - IRF3710ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3710ZPBF IRF-IRF3710ZPBF Datasheet
387Kb / 12P
Advanced Process Technology
IRF3710ZPBF IRF-IRF3710ZPBF_15 Datasheet
387Kb / 12P
Advanced Process Technology
More results

Similar Description - IRF3710ZPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3808S IRF-IRF3808S Datasheet
162Kb / 11P
AUTOMOTIVE MOSFET
IRFR3710Z IRF-IRFR3710Z Datasheet
218Kb / 11P
AUTOMOTIVE MOSFET
IRF2903ZSPBF IRF-IRF2903ZSPBF Datasheet
344Kb / 11P
AUTOMOTIVE MOSFET
IRF3805S-7P IRF-IRF3805S-7P Datasheet
638Kb / 10P
AUTOMOTIVE MOSFET
IRLR024ZPBF IRF-IRLR024ZPBF Datasheet
281Kb / 12P
AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRFR3505TRL KERSEMI-IRFR3505TRL Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR3710ZPBF KERSEMI-IRFR3710ZPBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505 KERSEMI-IRFU3505 Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFU3505PBF KERSEMI-IRFU3505PBF Datasheet
4Mb / 11P
AUTOMOTIVE MOSFET
IRFR2905Z KERSEMI-IRFR2905Z Datasheet
1Mb / 11P
AUTOMOTIVE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com