Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-3500 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-3500
Description  Silicon NPN Phototransistor in SMR짰 Package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-3500 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-3500 Datasheet HTML 1Page - OSRAM GmbH SFH-3500 Datasheet HTML 2Page - OSRAM GmbH SFH-3500 Datasheet HTML 3Page - OSRAM GmbH SFH-3500 Datasheet HTML 4Page - OSRAM GmbH SFH-3500 Datasheet HTML 5Page - OSRAM GmbH SFH-3500 Datasheet HTML 6Page - OSRAM GmbH SFH-3500 Datasheet HTML 7Page - OSRAM GmbH SFH-3500 Datasheet HTML 8Page - OSRAM GmbH SFH-3500 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2007-04-03
1
2007-04-03
Silicon NPN Phototransistor in SMR® Package
NPN-Silizium-Fototransistor in SMR® Gehäuse
Discontinued
SFH 3500
Ordering Information
Bestellinformation
Features:
Besondere Merkmale:
• Spectral range of sensitivity: 450 ... 1060 nm
• Spektraler Bereich der Fotoempfindlichkeit:
450 ... 1060 nm
• Package: SMR® (Surface Mount Radial), Epoxy
• Gehäuse: SMR® (Surface Mount Radial), Harz
• Special: High photosensitivity
• Besonderheit: Hohe Fotoempfindlichkeit
• Same package as IR emitter SFH 4500, SFH 4515
• Gehäusegleich mit IR Emitter SFH 4500, SFH 4515
Applications
Anwendungen
• Photointerrupters
• Lichtschranken
• For control and drive circuits
• Messen / Steuern / Regeln
• A variety of manufacturing and monitoring
applications
• Fertigungs- und Konrollanwendungen der Industrie
Type:
Photocurrent
Ordering Code
Typ:
Fotostrom
Bestellnummer
λ = 950 nm, Ee = 0.5 mW/cm2, VCE = 5 V
IPCE [µA]
SFH 3500
4000 ... 20000
Q65110A2636
Note: Only one bin within one packing unit (variation less than 2:1)
Anm.: Nur eine Gruppe pro Verpackungseinheit (Streuung kleiner 2:1)


Similar Part No. - SFH-3500

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-300 OSRAM-SFH-300 Datasheet
444Kb / 9P
Silicon NPN Phototransistor
SFH-300-FA OSRAM-SFH-300-FA Datasheet
265Kb / 9P
Silicon NPN Phototransistor
SFH-3010 OSRAM-SFH-3010 Datasheet
386Kb / 13P
Silicon NPN Phototransistor
SFH-3015-FA OSRAM-SFH-3015-FA Datasheet
451Kb / 14P
Silicon NPN Phototransistor
SFH-303-FA OSRAM-SFH-303-FA Datasheet
304Kb / 7P
NPN-Silizium-Fototransistor
More results

Similar Description - SFH-3500

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASDL-6620 AVAGO-ASDL-6620 Datasheet
184Kb / 4P
Silicon NPN Phototransistor in T-1 Package
logo
OSRAM GmbH
SFH3500 OSRAM-SFH3500 Datasheet
257Kb / 8P
Silicon NPN Phototransistor in SMR짰 Package
SFH325 OSRAM-SFH325_01 Datasheet
86Kb / 7P
Silicon NPN Phototransistor in SMT SIDELED짰-Package
SFH-2500-FA OSRAM-SFH-2500-FA Datasheet
368Kb / 12P
Silicon PIN Photodiode in SMR짰 Package
SFH-2505-FA OSRAM-SFH-2505-FA Datasheet
382Kb / 12P
Silicon PIN Photodiode in SMR짰 Package
SFH-3201 OSRAM-SFH-3201 Datasheet
435Kb / 13P
Silicon NPN Phototransistor in SMT Package
SFH-3600 OSRAM-SFH-3600 Datasheet
436Kb / 13P
Silicon NPN Phototransistor in MIDLED package
SFH-3605 OSRAM-SFH-3605 Datasheet
429Kb / 13P
Silicon NPN Phototransistor in MIDLED package
SFH-320-FA OSRAM-SFH-320-FA Datasheet
406Kb / 14P
Silicon NPN Phototransistor in SMT TOPLED짰-Package
logo
ams AG
SFH3605 AMSCO-SFH3605 Datasheet
1Mb / 20P
Silicon NPN Phototransistor in MIDLED package
Version 1.5 2023-06-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com