Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH-4233 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-4233
Description  High Power Infrared Emitter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4233 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-4233 Datasheet HTML 1Page - OSRAM GmbH SFH-4233 Datasheet HTML 2Page - OSRAM GmbH SFH-4233 Datasheet HTML 3Page - OSRAM GmbH SFH-4233 Datasheet HTML 4Page - OSRAM GmbH SFH-4233 Datasheet HTML 5Page - OSRAM GmbH SFH-4233 Datasheet HTML 6Page - OSRAM GmbH SFH-4233 Datasheet HTML 7Page - OSRAM GmbH SFH-4233 Datasheet HTML 8Page - OSRAM GmbH SFH-4233 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Version 1.1
SFH 4233
2013-10-24
3
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emission wavelength
Zentrale Emissionswellenlänge
(IF = 1 A, tp = 10 ms)
peak
950
nm
Centroid Wavelength
Schwerpunktwellenlänge der Strahlung
(IF = 1 A, tp = 10 ms)
centroid
940
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 1 A, tp = 10 ms)
35
nm
Half angle
Halbwinkel
± 60
°
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
L x W
1 x 1
mm x
mm
Rise and fall times of Ie ( 10% and 90% of Ie max)
Schaltzeiten von Ie ( 10% und 90% von Ie max)
(IF = 5 A, RL = 50 )
tr / tf
8 / 14
ns
Forward voltage
Durchlassspannung
(IF = 1 A, tp = 100 μs)
VF
1.4 ( 1.8)
V
Forward voltage
Durchlassspannung
(IF = 5 A, tp = 100 s)
VF
2 ( 2.9)
V
Radiant intensity
Strahlstärke
(IF = 1 A, tp = 100 μs)
Ie, typ
170
mW/sr
Temperature coefficient of Ie or e
Temperaturkoeffizient von Ie bzw. e
(IF = 1 A, tp = 10 ms)
TCI
-0.3
% / K
Temperature coefficient of VF
Temperaturkoeffizient von VF
(IF = 1 A, tp = 10 ms)
TCV
-2
mV / K
Temperature coefficient of wavelength
Temperaturkoeffizient der Wellenlänge
(IF = 1 A, tp = 10 ms)
TC ,
centroid
0.3
nm / K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com