Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP7752GF Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP7752GF
Description  Indutorless 2X15W Stereo BTL Fix Frequency Class D Audio Amplifier Evaluation Board
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7752GF Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP7752GF Datasheet HTML 1Page - Monolithic Power Systems MP7752GF Datasheet HTML 2Page - Monolithic Power Systems MP7752GF Datasheet HTML 3Page - Monolithic Power Systems MP7752GF Datasheet HTML 4Page - Monolithic Power Systems MP7752GF Datasheet HTML 5Page - Monolithic Power Systems MP7752GF Datasheet HTML 6Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EV7752-F-00A – INDUCTORLESS 2X15W STEREO BTL FIX FREQUENCY CLASS D AUDIO AMPLIFIER EVB
EV7752-F-00A Rev. 1.0
www.MonolithicPower.com
3
8/15/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EV7752-F-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package Manufacture Manufacture_PN
7
C1, C2,C3,
C4, C5, C6,
C7
1μF/16V
Ceramic
Capacitor;16V;X7R;0603;
0603
muRata
GRM188R71C105KA12D
7
C8, C13,
C14,C24,
C25, C26,
C27
1nF/50V
Ceramic
Capacitor;50V;C0G;0603;
0603
muRata
GRM1885C1H102JA01D
4
C9,C10, C11,
C12
220nF
Ceramic
Capacitor;50V;X7R;0402
0402
TAIYO
YUDEN
UMK105BJ224KV-F
4
C15, C16,
C17, C18
330pF
Ceramic
Capacitor;50V;X7R;0402;
0402
TDK
C1005X7R1H331K
2
C19, C20
1μF/50V
Ceramic
Capacitor;50V;X7R;0805
0805
muRata
GRM21BR71H105KA12L
2
C23, C28
220μF/35V Electroelytic Capacitor;35V
SMD
江海
VTD-35V220
2
C29, C30
NS
5
R1, R3, R5,
R6, R7
100k
Film Resistor;1%, Film
Resistor;1%;
0603
Yageo
RC0603FR-07100KL
2
R2, R4
10k
Film Resistor;1%
0603
Yageo
RC0603FR-0710KL
4
R8, R9, R10,
R11
10
Film Resistor;1%
0805
Yageo
RC0805FR-0710RL
2
R12, R13
NS
Film Resistor;1%
0805
Yageo
RC0805FR-0710RL
2
FB1, FB2
NFZ2MSM18
1SN10
muRata NFZ Fitler for
Class D Audio Amplifier
0806
muRata
NFZ2MSM181SN10
4
FB3, FB4,
FB5, FB6
NFZ2MSM60
1SN10
muRata NFZ Fitler for
Class D Audio Amplifier
0806
muRata
NFZ2MSM601SN10
1
S1
Reset Botton SPST Reset Botton
DIP
ANY
9
EN, FAULT,
GND, IN1+,
IN1-, IN2+,
IN2-,
InAbesence,
PLIMIT
Connector;1.0mm
DIP
ANY
7
GAIN0,
GAIN1, JP1,
JP2, JP3,
JP4, JP5
Connector 2Pin 2.54mm
DIP
ANY
2
IN1, IN2
Connector, RCA Jack, R/A
DIP
ANY
3
OUT1+,
OUT2+,VCC
Banana Jack Banana Connector;Red
DIP
ANY
3
OUT1-,
OUT2-,GND
Banana Jack Banana Connector;Black,
DIP
ANY
1
U1
MP7752
MP7752/TSSOP28/EP
TSSOP28
/EP
MPS
MP7752GF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com