Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES5D Datasheet(PDF) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # ES5D
Description  SURFACE MOUNT SUPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

ES5D Datasheet(HTML) 1 Page - Shenzhen Yixinwei Technology Co., Ltd.

  ES5D Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. ES5D Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES5D
ES5A THRU ES5J
SURFACE MOUNT SUPER FAST RECTIFIER
Reverse Voltage - 50 to 600 Volts
Forward Current - 5.0 Amperes
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amps
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
5.0
150
1.0
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=75 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 5.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
10.0
100.0
R
θJA
CJ
TJ,TSTG
45.0
95.0
-50 to +150
pF
C
A
µ
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
35
ns
ES5A ES5B
ES5C
ES5E
ES5G
ES5J
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
150
105
150
400
280
400
600
420
600
200
140
200
300
210
300
1.25
Case : JEDEC DO-214AA molded plastic body over passivated chip
Terminals : Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity : Color band denotes cathode end
Mounting Position
: Any
Weight
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
Glass passivated chip junction
1.7
YXW Catalog Number
135
Dimensions in inches and (millimeters)
0.087 (2.20)
0.071 (1.80)
0.180(4.57)
0.160(4.06)
0.155(3.94)
0.130(3.30)
0.122(3.12)
0.110(2.82)
0.060(1.52)
0.030(0.76)
0.220(5.59)
0.205(5.21)
0.012(0.305)
0.006(0.152)
0.008(0.203)MAX.
DO-214AA/SMB
:0.003 ounce, 0.093 grams


Similar Part No. - ES5D

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES5D FORMOSA-ES5D Datasheet
119Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Thinki Semiconductor Co...
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
ES5D THINKISEMI-ES5D Datasheet
683Kb / 2P
5.0 Ampere Surface Mount Type Super Fast Recovery Rectifier Diodes
logo
Guangdong Juxing Electr...
ES5D JUXING-ES5D Datasheet
3Mb / 2P
Surface Mount Superfast Rectifiers
logo
Microdiode Semiconducto...
ES5D CHENDA-ES5D Datasheet
561Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results

Similar Description - ES5D

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER2A SMC-ER2A Datasheet
157Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
ER5A SMC-ER5A Datasheet
160Kb / 4P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Unisonic Technologies
ES1D UTC-ES1D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
ES2D UTC-ES2D Datasheet
117Kb / 3P
SURFACE MOUNT SUPER FAST RECTIFIER
logo
Microdiode Semiconducto...
ER07A CHENDA-ER07A Datasheet
588Kb / 2P
SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com