Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2A Datasheet(PDF) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

Part # ES2A
Description  SURFACE MOUNT SUPERFAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YIXIN [Shenzhen Yixinwei Technology Co., Ltd.]
Direct Link  http://www.szyxwkj.com
Logo YIXIN - Shenzhen Yixinwei Technology Co., Ltd.

ES2A Datasheet(HTML) 2 Page - Shenzhen Yixinwei Technology Co., Ltd.

  ES2A Datasheet HTML 1Page - Shenzhen Yixinwei Technology Co., Ltd. ES2A Datasheet HTML 2Page - Shenzhen Yixinwei Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATING AND CHARACTERISTICS CURVES ES2A THRU ES2J
SET TIME
BASE FOR
10ns/cm
1cm
-1.0
-0.25
0
+0.5A
trr
50
Noninductive
1
NON-
Inductive
NOTES:1. Rise Time=7ns max.
Input Impedance=1 megohm. 22pF
2. Rise Time=10ns max.
Source Impedance=50 Ohms.
10
Noninductive
D.U.T.
OSCILLOSCOPE
NOTE 1
PULSE
GENERATOR
NOTE 2
25 Vdc
(approx)
(+)
(+)
()
()
Fig. 1 - REVERSE RECOVERY TIME CHARACTERISTIC
AND TEST CIRCUIT DIAGRAM ES1A THRU ES1G
SINGLE PHASE
HALF W AVE
60HZ
RESISTIVE OR
INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.3x0.3"(8.0x8.0mm)
COPPER PAD AREAS
Fig. 2 - MAXIMUM AVERAGE
FORWARD CURRENT RATING
o
LEAD TEMPERATURE, C
0
20
40
60
80
100
120
140
160
2.4
2.0
1.6
1.2
0.8
0.4
0
Fig. 4 - TYPICAL FORWARD CHARACTERISTICS
50.0
10.0
1.0
0.1
0.01
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ES2AB
ES2EB
ES2JB
0
T =25 C
J
PULSE WIDTH=300 S
2% DUTY CYCLE
1000
100
10
1.0
0.1
0.01
Fig. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK INVERSE
VOLTAGE, VOLTS
20
40
60
80
100
120
140
0
T =100C
J
0
T =75 C
J
0
T =25 C
J
Fig. 6 - TYPICAL JUNCTION CAPACITANCE
8.3ms SINGLE HALF SINCE-WAVE
JEDEC METHOD
Fig. 5 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
60
50
40
30
20
10
REVERSE VOLTAGE, VOLTS
60
50
40
30
20
10
0.1
0.5 1
5 10
20
50 100 200
500 1000
0
T =25C
J
f=1.0MHZ
Vslg=50mVp-p
SURFACE MOUNT SUPERFAST RECTIFIER
SURFACE MOUNT SUPERFAST RECTIFIER
ES2A
thru ES2J



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com