Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3864 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3864
Description  Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3864 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3864 Datasheet HTML 9Page - Linear Technology LTC3864 Datasheet HTML 10Page - Linear Technology LTC3864 Datasheet HTML 11Page - Linear Technology LTC3864 Datasheet HTML 12Page - Linear Technology LTC3864 Datasheet HTML 13Page - Linear Technology LTC3864 Datasheet HTML 14Page - Linear Technology LTC3864 Datasheet HTML 15Page - Linear Technology LTC3864 Datasheet HTML 16Page - Linear Technology LTC3864 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LT3840
13
3840fa
For more information www.linear.com/LT3840
operaTion
Soft-Start/Output Voltage Tracking
The soft-start function controls the slew rate of the power
supply output voltage during start-up. A controlled output
voltagerampminimizesoutputvoltageovershoot,reduces
inrush current from the VIN supply, and facilitates supply
sequencing.
TK/SS is an additional input to the error ampli-
fier (EA). The voltage control loop regulates the out-
put via the FB pin to whichever pin is lower, VREF or
TK/SS. An internal current source and a capacitor on the
pin program the output voltage ramp time. Drive the pin
with a voltage to use the output voltage tracking function
for supply sequencing.
The TK/SS voltage is clamped to a diode above the FB volt-
age, therefore, during a short-circuit the TK/SS voltage is
pulled low because the FB voltage is low. Once the short
has been removed the FB voltage starts to recover. The
soft-startcircuittakescontroloftheoutputvoltageslewrate
once the FB voltage has exceeded the slowly ramping TK/
SSvoltage,reducingtheoutputvoltageovershootthrough
a short-circuit recovery. During a fault condition such as
UVLO, OVLO or overtemperature, the soft-start capacitor
is discharged. If unused, the pin can be left open and the
internal current source will pull the pin voltage above the
soft-start operating range. Figure 5 is a functional block
diagram of the LT3840 soft-start/tracking function.
Power Good and Output Overvoltage Protection
When FB is within range of its regulated value an internal
N-channel MOSFET, on the PG pin, is turned off allowing
an external resistor to pull PG high. Power Good is valid
when the LT3840 is enabled with the EN pin and the VIN
voltage is above 2.5V.
TheLT3840outputovervoltageprotectionfeaturedisables
the synchronous buck controller switching when the FB
pin exceeds its regulated value by a given amount (see
Electrical Specification table). When this event occurs the
PG pin voltage is pulled low.
Input Overvoltage Lockout
The LT3840 is capable of withstanding input voltage
transients up to 80V. When the voltage on the AUXVIN
pin exceeds 60V the auxiliary bias switching regulator is
disabled.
Figure 5. Soft-Start and Output Voltage Tracking Functional Block Diagram and Transfer Curve
ISOFT-START
FAULT
VREF
VOUT
–
+
+
FB
TK/SS
VC
EA
TRANSFER FUNCTION
FB vs TK/SS
0.1
0.2
0.4
0.3
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
TK/SS (V)
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4
3840 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com