Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3891 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3891
Description  Wide Input Range Synchronous Regulator Controller with Accurate Current Limit
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 2 Page - Linear Technology

  LTC3891 Datasheet HTML 1Page - Linear Technology LTC3891 Datasheet HTML 2Page - Linear Technology LTC3891 Datasheet HTML 3Page - Linear Technology LTC3891 Datasheet HTML 4Page - Linear Technology LTC3891 Datasheet HTML 5Page - Linear Technology LTC3891 Datasheet HTML 6Page - Linear Technology LTC3891 Datasheet HTML 7Page - Linear Technology LTC3891 Datasheet HTML 8Page - Linear Technology LTC3891 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LT3840
2
3840fa
For more information www.linear.com/LT3840
pin conFiguraTion
absoluTe MaxiMuM raTings
AUXVIN, VIN, EN and UVLO ....................... –0.3V to 80V
PG.............................................................. –0.3V to 25V
MODE........................................................... –0.3V to 9V
SENSE+ and SENSE–.................................. –0.3V to 60V
SENSE+ to SENSE–...........................................–1V to 1V
OVLO, VC, FB, SYNC, TK/SS and ICTRL....... –0.3V to 6V
(Note 1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
FE PACKAGE
28-LEAD PLASTIC TSSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
AUXSW1
PGND
AUXVIN
SYNC
RT
TK/SS
FB
VC
PG
MODE
OVLO
UVLO
EN
VIN
AUXBST
AUXSW2
INTVCC
BG
BGRTN
BOOST
TG
SW
SENSE–
SENSE+
ICOMP
ICTRL
IMON
GND
29
GND
θJA = 30°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 29) IS GND, MUST BE SOLDERED TO PCB
13 14 15 16
TOP VIEW
39
GND
UFE PACKAGE
38-LEAD (4mm × 6mm) PLASTIC QFN
17 18 19
38 37 36 35 34 33 32
24
25
26
27
28
29
30
31
8
7
6
5
4
3
2
1
AUXVIN
NC
SYNC
RT
NC
TK/SS
FB
VC
PG
NC
MODE
OVLO
NC
INTVCC
BG
BGRTN
NC
BOOST
TG
SW
NC
SENSE–
SENSE+
ICOMP
23
22
21
20
9
10
11
12
θJA = 38°C/W, θJC = 4°C/W
EXPOSED PAD (PIN 39) IS GND, MUST BE SOLDERED TO PCB
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3840EFE#PBF
LT3840EFE#TRPBF
LT3840FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3840IFE#PBF
LT3840IFE#TRPBF
LT3840FE
28-Lead Plastic TSSOP
–40°C to 125°C
LT3840HFE#PBF
LT3840HFE#TRPBF
LT3840FE
28-Lead Plastic TSSOP
–40°C to 150°C
LT3840MPFE#PBF
LT3840MPFE#TRPBF
LT3840FE
28-Lead Plastic TSSOP
–55°C to 150°C
LT3840EUFE#PBF
LT3840EUFE#TRPBF
3840
38-Lead (4mm × 6mm) Plastic QFN
–40°C to 125°C
LT3840IUFE#PBF
LT3840IUFE#TRPBF
3840
38-Lead (4mm × 6mm) Plastic QFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Junction Temperature Range
LT3840E (Note 2) .............................. –40°C to 125°C
LT3840I ............................................. –40°C to 125°C
LT3840H............................................ –40°C to 150°C
LT3840MP......................................... –55°C to 150°C
Lead Temperature (Soldering, 10 sec)
TSSOP Only ..........................................................300°C
Storage Temperature............................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com