Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8640 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8640
Description  42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8640 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8640 Datasheet HTML 5Page - Linear Technology LT8640 Datasheet HTML 6Page - Linear Technology LT8640 Datasheet HTML 7Page - Linear Technology LT8640 Datasheet HTML 8Page - Linear Technology LT8640 Datasheet HTML 9Page - Linear Technology LT8640 Datasheet HTML 10Page - Linear Technology LT8640 Datasheet HTML 11Page - Linear Technology LT8640 Datasheet HTML 12Page - Linear Technology LT8640 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LT8603
9
8603f
For more information www.linear.com/LT8603
Channels 3 RDS(ON) vs Temperature
TA = 25°C, VIN = PVIN1 = PVIN2 = 12V, EN/UVLO = 3V
and PVIN3 = 3.3V unless otherwise noted.
TYPICAL PERFORMANCE CHARACTERISTICS
Channel 1 RDS(ON) vs Temperature
Channel 4 Minimum On-Time
vs VISP – VISN
Channel 4 Minimum Off-Time
vs VISP – VISN
Channel 4 ISP, ISN Input Current
vs VISP, VISN
BOTTOM FET
TOP FET
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
100
200
300
400
500
DSON
8603 G29
Channel 2 RDS(ON) vs Temperature
Channel 1 Full Frequency
VIN vs Load Current
Channel 2 Full Frequency
VIN vs Load Current
Channel 3 Full Frequency
VIN vs Load Current
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
100
200
300
400
8603 G30
ISW2 = 1A
BOTTOM FET
TOP FET
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
50
100
150
200
250
300
8603 G31
ISW = 1A
BOTTOM FET
TOP FET
RT = 28.7k
FULL FREQUENCY
REGION (2MHz)
VOUT = 3.3V
VOUT = 5V
IOUT (A)
0
0.2 0.4 0.6 0.8
1
1.2 1.4 1.6
0
5
10
15
20
25
30
35
40
45
8603 G32
IOUT (A)
0
0.3 0.7
1
1.3 1.6 1.9 2.3 2.6
0
5
10
15
20
25
30
35
40
45
8603 G33
RT = 28.7k
FULL FREQUENCY
REGION (2MHz)
VOUT = 3.3V
VOUT = 5V
IOUT (A)
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
8603 G34
RT = 28.7k
FULL FREQUENCY
REGION (2MHz)
VOUT = 1.8V
VOUT = 1.2V
CH4 FSW = 2MHz
135°C
25°C
–45°C
VISP – VISN (mV)
0
10
20
30
40
50
100
120
140
160
180
200
ISP – ISN
8603 G26
FOR VISP > 2V, 34A
TYPICAL ACTIVE
< 200nA IN SLEEP
VISP , VISN (V)
–50 –40 –30 –20 –10 0 10 20 30 40 50
–8
–7
–6
–5
–4
–3
–3
–2
–1
0
1
ISP , ISN
8603 G28
150°C
100°C
25°C
–45°C
CH4 SWITCHING FREQUENCY (MHz)
0
0.5
1
1.5
2
2.5
100
140
180
220
260
300
8603 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com