Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8610AC Datasheet(PDF) 3 Page - Linear Technology

Part # LT8610AC
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8610AC Datasheet(HTML) 3 Page - Linear Technology

  LT8610AC Datasheet HTML 1Page - Linear Technology LT8610AC Datasheet HTML 2Page - Linear Technology LT8610AC Datasheet HTML 3Page - Linear Technology LT8610AC Datasheet HTML 4Page - Linear Technology LT8610AC Datasheet HTML 5Page - Linear Technology LT8610AC Datasheet HTML 6Page - Linear Technology LT8610AC Datasheet HTML 7Page - Linear Technology LT8610AC Datasheet HTML 8Page - Linear Technology LT8610AC Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LT8619/LT8619-5
3
8619f
For more information www.linear.com/LT8619
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VEN/UV = 2V unless otherwise noted (Notes 2, 3)
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Switching Loop
VIN Minimum Input Voltage
3.0
V
VIN Quiescent Current at No Load
VIN = 12V, VEN/UV = 0V
l
0.6
0.6
1.0
3.0
µA
µA
VIN = 12V, VOUT = 3.3V, RT = 66.5k, VEN/UV = 2V, VSYNC = 0V
l
6
6
10
18
µA
µA
VIN = 12V, VOUT = 3.3V, RT = 66.5k, VEN/UV = 2V, Floats SYNC
10
µA
VIN = 12V, VOUT = 3.3V, RT = 66.5k, VEN/UV = 2V, VSYNC = INTVCC
3
mA
VIN Current in Regulation
VIN = 12V, VOUT = 3.3V, RT = 66.5k, VEN/UV = 2V, VSYNC = 0V
ILOAD = 100µA
ILOAD = 1mA
l
l
38
320
65
400
µA
µA
BIAS Pin Current Consumption
VIN = 12V, VBIAS = 3.3V, ILOAD = 0.5A, fOSC = 700kHz
2.2
mA
Regulated Output Voltage
LT8619-5, VIN = 12V, VSYNC = INTVCC, No Load
l
4.975
4.925
5.0
5.0
5.025
5.075
V
Feedback Voltage
LT8619, VIN = 12V, VSYNC = INTVCC, No Load
l
0.796
0.788
0.8
0.8
0.804
0.812
V
V
Feedback Voltage Line Regulation
VIN = 4V to 50V, VSYNC = INTVCC
l
±0.004
±0.03
%/V
Feedback Pin Input Current
LT8619, VFB = 0.8V
±20
nA
Minimum On-Time
LT8619, ILOAD = 0.5A, VSYNC = INTVCC
l
30
60
ns
Minimum Off-Time
100
150
180
ns
Top Switch Peak Current Limit
l
1.5
1.75
2.0
A
Bottom Switch Current Limit
1.8
A
Bottom Switch Reverse Current Limit VSYNC = INTVCC
0.55
A
Soft-Start Duration
VIN = 12V, VOUT = 3.3V, No Load, COUT = 22µF
0.2
ms
EN/UV to PG High Delay
CINTVCC = 1µF, VOUT = 3.3V, No Load, COUT = 22µF
0.66
ms
EN/UV to PG Low Delay
10
µs
Oscillator and SYNC
Operating Frequency
RT = 162k
l
260
300
340
kHz
RT = 66.5k
l
630
700
770
kHz
RT = 20k
l
1.9
2.0
2.1
MHz
Synchronization Frequency
fSYNC ≥ fOSC
l
0.3
2.2
MHz
SYNC Threshold
Frequency Synchronization
Burst Mode Operation
Floats SYNC Pin, Pulse-Skipping Mode
Forced Continuous Mode
0.35
1.6
1
0.6
1.2
2.0
0.95
2.4
V
V
V
B
SYNC Pin Current
Built-In Sourcing Current, VSYNC = 0V
Built-In Sinking Current, VSYNC = 3.3V
–0.2
3.0
µA
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com