Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8616 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8616
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8616 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8616 Datasheet HTML 9Page - Linear Technology LT8616 Datasheet HTML 10Page - Linear Technology LT8616 Datasheet HTML 11Page - Linear Technology LT8616 Datasheet HTML 12Page - Linear Technology LT8616 Datasheet HTML 13Page - Linear Technology LT8616 Datasheet HTML 14Page - Linear Technology LT8616 Datasheet HTML 15Page - Linear Technology LT8616 Datasheet HTML 16Page - Linear Technology LT8616 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LT8619/LT8619-5
13
8619f
For more information www.linear.com/LT8619
APPLICATIONS INFORMATION
Achieving Ultralow Quiescent Current
To enhance efficiency at light loads, the LT8619 enters into
Burst Mode operation, which keeps the output capacitor
charged to the desired output voltage while minimizing the
input quiescent current and output ripple voltage. In Burst
Mode operation the LT8619 delivers single small pulses of
current to the output capacitor followed by sleep periods
where the output power is supplied by the output capacitor.
While in sleep mode the LT8619 consumes less than 6μA.
As the output load decreases, the frequency of single cur-
rent pulses decreases (see Figure 1) and the percentage
of time the LT8619 is in sleep mode increases, result-
ing in much higher light load efficiency than for typical
converters. For a typical application, when the output is
not loaded, by maximizing the time between pulses, the
regulator quiescent approaches 6µA. Therefore, to opti-
mize the quiescent current performance at light loads,
the current in the feedback resistor divider must be mini-
mized as it appears to the output as load current (See FB
Resistor Network section).
While in Burst Mode operation, the current limit of the
top switch is approximately 380mA resulting in output
voltage ripple shown in Figure 2. Increasing the output
capacitance will decrease the output ripple proportionally.
As load ramps upward from zero, the switching frequency
will increase but only up to the switching frequency
programmed by the resistor at the RT pin as shown in
Figure 1. The output load at which the LT8619 reaches
the programmed frequency varies based on input voltage,
output voltage, and inductor choice.
For some applications it is desirable for the LT8619 to
operate in pulse-skipping mode, offering two major dif-
ferences from Burst Mode operation. First, the minimum
inductor current clamp present in Burst Mode operation
is removed, providing a smaller packet of charge to the
output capacitor and reduce the output ripple voltage.
For a given load, the chip awake more often, resulting in
higher supply current compared to Burst Mode opera-
tion. Second is that full switching frequency is reached
at lower output load than in Burst Mode operation (see
Figure 3). To enable pulse-skipping mode, leave the SYNC
pin floating. Tying the SYNC pin to INTVCC node enables
the programmed switching frequency at no load.
Figure 1. Burst Frequency vs Load Current
8619 F02
VOUT (AC)
10mV/DIV
IL
200mA/DIV
SW
10V/DIV
SW (ZOOM IN)
10V/DIV
IL (ZOOM IN)
200mA/DIV
VOUT (AC, ZOOM IN)
10mV/DIV
TOP = 20ms/DIV, BOT = 1s/DIV
Figure 2. Burst Mode Operation Waveform with
VIN = 12V, VOUT = 3.3V at No Load, RT = 66.5k,
L = 10μH, COUT = 22μF
VOUT = 3.3V
fOSC = 700kHz
L = 10µH
VIN (V)
0
10
20
30
40
50
60
0
50
100
150
200
250
300
350
400
8619 F03
PULSE-SKIPPING MODE
Burst Mode OPERATION
VIN = 12V
VOUT = 3.3V
fOSC = 700kHz
L = 10µH
Burst Mode OPERATION
LOAD CURRENT (mA)
0.001 0.01
0.1
1
10
100
1k
0.01
0.1
1
10
100
1k
8619 F01
Figure 3. Minimum Load for Full Frequency Operation
vs VIN in Burst Mode Operation and Pulse-Skipping
Mode Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com