Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3401 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3401
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3401 Datasheet(HTML) 2 Page - Linear Technology

  LTC3401 Datasheet HTML 1Page - Linear Technology LTC3401 Datasheet HTML 2Page - Linear Technology LTC3401 Datasheet HTML 3Page - Linear Technology LTC3401 Datasheet HTML 4Page - Linear Technology LTC3401 Datasheet HTML 5Page - Linear Technology LTC3401 Datasheet HTML 6Page - Linear Technology LTC3401 Datasheet HTML 7Page - Linear Technology LTC3401 Datasheet HTML 8Page - Linear Technology LTC3401 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC1871X
2
1871xf
For more information www.linear.com/LTC1871X
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN Voltage................................................ – 0.3V to 36V
INTVCC Voltage ............................................ –0.3V to 7V
INTVCC Output Current...........................................50mA
GATE Voltage ............................–0.3V to VINTVCC + 0.3V
ITH, FB Voltages ........................................ –0.3V to 2.7V
RUN, MODE/SYNC Voltages ........................ –0.3V to 7V
FREQ Voltage ............................................ –0.3V to 1.5V
SENSE Pin Voltage..................................... –0.3V to 36V
Operating Junction Temperature Range (Notes 2, 3)
LTC1871X............................................... –40°C to 175°C
Storage Temperature Range .................. –65°C to 175°C
Lead Temperature (Soldering, 10 sec)...................300°C
(Note 1)
1
2
3
4
5
RUN
ITH
FB
FREQ
MODE/SYNC
10
9
8
7
6
SENSE
VIN
INTVCC
GATE
GND
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 175°C, θJA = 120°C/W
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1871XMS#PBF
LTC1871XMS#TRPBF
LTGZM
10-Lead Plastic MSOP
–40°Cto 175°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC1871X#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com