Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8620 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8620
Description  60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8620 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8620 Datasheet HTML 5Page - Linear Technology LT8620 Datasheet HTML 6Page - Linear Technology LT8620 Datasheet HTML 7Page - Linear Technology LT8620 Datasheet HTML 8Page - Linear Technology LT8620 Datasheet HTML 9Page - Linear Technology LT8620 Datasheet HTML 10Page - Linear Technology LT8620 Datasheet HTML 11Page - Linear Technology LT8620 Datasheet HTML 12Page - Linear Technology LT8620 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LT8619/LT8619-5
9
8619f
For more information www.linear.com/LT8619
TYPICAL PERFORMANCE CHARACTERISTICS
EN/UV Shut Down
VOUT = 2.4V Start-Up Dropout
Performance
VOUT = 5V Start-Up Dropout
Performance
EN/UV Start-Up
1s/DIV
VOUT
1V/DIV
VIN
1V/DIV
PG
2V/DIV
SW
5V/DIV
8619 G34
VIN
VOUT
VOUT = 2.4V, 10Ω LOAD
fSW = 400kHz, L = 15H, COUT = 47F
PG 100k PULL-UP BY INTVCC
FORCED CONTINUOUS MODE
8619 G35
1s/DIV
VOUT
1V/DIV
VIN
1V/DIV
PG
2V/DIV
SW
5V/DIV
VIN
VOUT
VOUT = 5V, 10Ω LOAD
fSW = 700kHz, L = 10H, COUT = 22F
PG 100k PULL-UP BY INTVCC
FORCED CONTINUOUS MODE
8619 G36
100s/DIV
VOUT
1V/DIV
EN/UV
2V/DIV
PG
2V/DIV
SW
10V/DIV
VIN = 12V, VOUT = 3.3V, NO LOAD
fOSC = 2MHz, L = 3.3H, COUT = 22F
FORCED CONTINUOUS MODE
8619 G37
2s/DIV
VOUT
1V/DIV
EN/UV
2V/DIV
PG
2V/DIV
SW
10V/DIV
VIN = 12V, VOUT = 3.3V, NO LOAD
fOSC = 2MHz, L = 3.3H, COUT = 22F
FORCED CONTINUOUS MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com