Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3402 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3402
Description  Wide Input Range, No RSENSE??Current Mode Boost, Flyback and SEPIC Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3402 Datasheet(HTML) 5 Page - Linear Technology

  LTC3402 Datasheet HTML 1Page - Linear Technology LTC3402 Datasheet HTML 2Page - Linear Technology LTC3402 Datasheet HTML 3Page - Linear Technology LTC3402 Datasheet HTML 4Page - Linear Technology LTC3402 Datasheet HTML 5Page - Linear Technology LTC3402 Datasheet HTML 6Page - Linear Technology LTC3402 Datasheet HTML 7Page - Linear Technology LTC3402 Datasheet HTML 8Page - Linear Technology LTC3402 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
LTC1871X
5
1871xf
For more information www.linear.com/LTC1871X
TYPICAL PERFORMANCE CHARACTERISTICS
FB Voltage vs Temperature
FB Voltage Line Regulation
FB Pin Current vs Temperature
Shutdown Mode IQ vs VIN
Shutdown Mode IQ vs
Temperature
Burst Mode IQ vs VIN
Dynamic IQ vs Frequency
Gate Drive Rise and Fall
Time vs CL
TEMPERATURE (°C)
–50 –25 0 25 50 75 100 125 150 175 200
0
15
30
45
60
75
90
105
120
135
150
1871x G03
TEMPERATURE (°C)
–50 –25 0 25 50 75 100 125 150 175 200
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1871x G01
VIN (V)
0
1.229
1.230
1.231
5
10
15
20
1871x G02
25
30
35
TEMPERATURE (°C)
–50 –25 0 25 50 75 100 125 150 175 200
0
4
8
12
16
20
24
28
32
36
40
1871x G05
VIN (V)
0
0
10
20
10
20
30
40
1871x G04
30
VIN (V)
0
0
100
200
300
400
600
10
20
1871x G06
30
40
500
FREQUENCY (kHz)
0
0
2
6
8
10
800
18
1871x G07
4
400
1200
600
200
1000
12
14
16
CL = 3300pF
IQ(TOT) = 550µA + Qg • f
CL (pF)
0
0
10
20
30
40
60
2000 4000 6000 8000
1871x G08
10000 12000
50
RISE TIME
FALL TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com