Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3875 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3875
Description  Dual, Multiphase Current Mode Synchronous Controller for Sub-Milliohm DCR Sensing
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3875 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3875 Datasheet HTML 17Page - Linear Technology LTC3875 Datasheet HTML 18Page - Linear Technology LTC3875 Datasheet HTML 19Page - Linear Technology LTC3875 Datasheet HTML 20Page - Linear Technology LTC3875 Datasheet HTML 21Page - Linear Technology LTC3875 Datasheet HTML 22Page - Linear Technology LTC3875 Datasheet HTML 23Page - Linear Technology LTC3875 Datasheet HTML 24Page - Linear Technology LTC3875 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
LTC3774
21
3774fc
For more information www.linear.com/LTC3774
size for a fixed inductor value, but it is very dependent on
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
moreturnsofwireandthereforecopperlosseswillincrease.
Ferrite designs have very low core loss and are preferred
at high switching frequencies, so design goals can con-
centrate on copper loss and preventing saturation. Ferrite
core material saturates “hard,” which means that induc-
tance collapses abruptly when the peak design current is
exceeded. This results in an abrupt increase in inductor
ripple current and consequent output voltage ripple. Do
not allow the core to saturate!
PWM and PWMEN Pins
The PWM pins are three-state compatible outputs, de-
signed to drive MOSFET drivers, DrMOSs, etc which do
not represent a heavy capacitive load. An external resistor
divider may be used to set the voltage to mid-rail while in
the high impedance state.
ThePWMENoutputshaveanopen-drainpull-uptoINTVCC
and require an appropriate external pull-down resistor.
This pin is intended to drive the enable pins of the MOS-
FET drivers that do not have three-state compatible PWM
inputs. PWMEN is low only when PWM is high impedance,
and high at any other PWM state.
When selecting a DrMOS or gate driver to use with the
LTC3774, care must be taken to ensure that the absolute
maximum voltage rating for the DrMOS or gate driver’s
PWM input is not exceeded. The LTC3774’s PWM output
driver is biased from INTVCC, which is typically 5.5V,
while the DrMOS or gate driver is generally biased from
a 5V supply. If the DrMOS or gate driver has a maximum
PWM rating less than 5.5V then tie the VIN and INTVCC
pins of the LTC3774 together and tie the combined pins
to the 5V supply with a 1Ω or 2.2 Ω resistor. Please a
4.4µF capacitor from the combined VIN and INTVCC pins
to ground. Refer to Figure 11 for an example. Contact
factory applications support for assistance.
APPLICATIONS INFORMATION
Power MOSFET and Schottky Diode
(Optional) Selection
At least two external power MOSFETs need to be selected:
One N-channel MOSFET for the top (main) switch and one
or more N-channel MOSFET(s) for the bottom (synchro-
nous) switch. The number, type and on-resistance of all
MOSFETsselectedtakeintoaccountthevoltagestep-down
ratio as well as the actual position (main or synchronous)
in which the MOSFET will be used. A much smaller and
much lower input capacitance MOSFET should be used
for the top MOSFET in applications that have an output
voltage that is less than one-third of the input voltage. In
applications where VIN >> VOUT, the top MOSFETs’ on-
resistance is normally less important for overall efficiency
than its input capacitance at operating frequencies above
300kHz. MOSFET manufacturers have designed special
purposedevicesthatprovidereasonablylowon-resistance
with significantly reduced input capacitance for the main
switch application in switching regulators.
The peak-to-peak MOSFET gate drive levels are set by the
internal regulator voltage, VINTVCC, requiring the use of
logic-level threshold MOSFETs in most applications. Pay
close attention to the BVDSSspecificationfortheMOSFETs
as well; many of the logic-level MOSFETs are limited to
30V or less. Selection criteria for the power MOSFETs
include the on-resistance, RDS(ON), input capacitance,
inputvoltageandmaximumoutputcurrent.MOSFETinput
capacitance is a combination of several components but
can be taken from the typical gate charge curve included
on most data sheets (Figure 8). The curve is generated by
forcing a constant input current into the gate of a common
source, current source loaded stage and then plotting the
gate voltage versus time.
Figure 8. Gate Charge Characteristic
+
–
VDS
VIN
3774 F08
VGS
MILLER EFFECT
QIN
a
b
CMILLER = (QB – QA)/VDS
VGS
V
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com