Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3868 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3868
Description  Low IQ, Synchronous Step-Down Controller with 24V Output Voltage Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3868 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3868 Datasheet HTML 16Page - Linear Technology LTC3868 Datasheet HTML 17Page - Linear Technology LTC3868 Datasheet HTML 18Page - Linear Technology LTC3868 Datasheet HTML 19Page - Linear Technology LTC3868 Datasheet HTML 20Page - Linear Technology LTC3868 Datasheet HTML 21Page - Linear Technology LTC3868 Datasheet HTML 22Page - Linear Technology LTC3868 Datasheet HTML 23Page - Linear Technology LTC3868 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
LTC3807
20
3807fa
For more information www.linear.com/LTC3807
TherisingandfallingUVLOthresholdsarecalculatedusing
the RUN pin thresholds:
VUVLO(RISING) =1.21V 1+
RB
RA

 – 7µA •RB
VUVLO(FALLING) =1.16V 1+
RB
RA

 – 7µA •RB
The resistor values should be carefully chosen such that
the absolute maximum ratings of the RUN pin do not get
violated over the entire VIN voltage range.
Tracking and Soft-Start (TRACK/SS Pin)
The start-up of VOUT is controlled by the voltage on the
TRACK/SS pin. When the voltage on the TRACK/SS pin is
lessthantheinternal0.8Vreference,theLTC3807regulates
the VFB pin voltage to the voltage on the TRACK/SS pin
instead of 0.8V. The TRACK/SS pin can be used to program
an external soft-start function or to allow VOUT to track
another supply during start-up.
Soft-start is enabled by simply connecting a capacitor
from the TRACK/SS pin to ground, as shown in Figure 5.
An internal 10μA current source charges the capacitor,
providing a linear ramping voltage at the TRACK/SS pin.
The LTC3807 will regulate the VFB pin (and hence VOUT)
according to the voltage on the TRACK/SS pin, allowing
VOUT to rise smoothly from 0V to its final regulated value.
The total soft-start time will be approximately:
tSS =CSS •
0.8V
10µA
APPLICATIONS INFORMATION
pin of the slave supply (VOUT), as shown in Figure 7.
During start-up VOUT will track VX according to the ratio
set by the resistor divider:
VX
VOUT
=
RA
RTRACKA
•
RTRACKA +RTRACKB
RA +RB
For coincident tracking (VOUT = VX during start-up):
RA = RTRACKA
RB = RTRACKB
Figure 5. Using the TRACK/SS Pin to Program Soft-Start
LTC3807
TRACK/SS
CSS
SGND
3807 F05
Alternatively, the TRACK/SS pin can be used to track
another supply during start-up, as shown qualitatively in
Figures 6a and 6b. To do this, a resistor divider should be
connected from the master supply (VX) to the TRACK/SS
TIME
VX(MASTER)
VOUT(SLAVE)
3807 F06a
TIME
3807 F06b
VX(MASTER)
VOUT(SLAVE)
(6a) Coincident Tracking
(6b) Ratiometric Tracking
Figure 6. Two Different Modes of Output Voltage Tracking
LTC3807
VOUT
Vx
VFB
TRACK/SS
3807 F07
RB
RA
RTRACKA
RTRACKB
Figure 7. Using the TRACK/SS Pin for Tracking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com