Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3870 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3870
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3870 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3870 Datasheet HTML 9Page - Linear Technology LTC3870 Datasheet HTML 10Page - Linear Technology LTC3870 Datasheet HTML 11Page - Linear Technology LTC3870 Datasheet HTML 12Page - Linear Technology LTC3870 Datasheet HTML 13Page - Linear Technology LTC3870 Datasheet HTML 14Page - Linear Technology LTC3870 Datasheet HTML 15Page - Linear Technology LTC3870 Datasheet HTML 16Page - Linear Technology LTC3870 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LTC3870
13
3870fb
For more information www.linear.com/LTC3870
and control power to be derived from other high efficiency
sources such as +5V or +12V rails in the system. Using
EXTVCC can significantly reduce the IC temperature in
high VIN applications. Tying the EXTVCC pin to a 5V supply
reduces the junction temperature in the previous example
from 125°C to: TJ = 70°C + (34mA) (5V) (43°C/W) = 77°C.
Do not apply more than 14V to the EXTVCC pin.
For applications where the main input power is 5V, tie
the VIN and INTVCC pins together and tie the combined
pins to the 5V input with a 1Ω or 2.2Ω resistor as shown
in Figure 2 to minimize the voltage drop caused by the
gate charge current. This will override the INTVCC linear
regulator and will prevent INTVCC from dropping too low
due to the dropout voltage. Make sure the INTVCC voltage
is at or exceeds the RDS(ON) test voltage for the MOSFET
which is typically 4.5V for logic-level devices.
applicaTions inForMaTion
the final arbiter is the total input current for the regulator.
If a change is made and the input current decreases, then
the efficiency has improved. If there is no change in input
current, then there is no change in efficiency.
Undervoltage Lockout
TheLTC3870hasaprecisionUVLOcomparatorconstantly
monitoring the INTVCC voltage to ensure that an adequate
gate-drive voltage is present. It locks out the switching
action and pulls down RUN pins when INTVCC is below
3.7V. To prevent oscillation when there is a disturbance on
the INTVCC, the UVLO comparator has 300mV of precision
hysteresis. In multiphase operation, when LTC3870 is in
undervoltage lockout, the RUN0 and RUN1 pins are pulled
down to disable the master’s switching action.
Phase-Locked Loop and Frequency Synchronization
The LTC3870 has a phase-locked loop (PLL) comprised
of an internal voltage-controlled oscillator (VCO) and a
phase detector. This allows the internal clock to be locked
to the falling edge of an external clock signal applied to
the SYNC pin. The turn-on of channel 0/channel 1’s top
MOSFET is synchronized or out-of-phase with the falling
edge of the external clock. The phase detector is an edge
sensitive digital type that provides zero degree phase shift
between the external and internal oscillators. This type of
phase detector does not exhibit false lock to harmonics
of the external clock.
Theoutputofthephasedetectorisapairofcomplementary
current sources that charge or discharge the internal filter
network.Thereisaprecision10µAofcurrentflowingoutof
the FREQ pin. This allows the user to use a single resistor
to SGND to set the switching frequency when no external
clock is applied to the SYNC pin. The voltage on the FREQ
pin is equal to the resistance multiplied by 10µA current
(e.g. the voltage is 1V with a 100k resistor from the FREQ
pin to SGND). The internal switch between FREQ pin and
the integrated PLL filter network is ON, allowing the filter
network to be pre-charged to the same voltage potential
as the FREQ pin. The relationship between the voltage
on the FREQ pin and the operating frequency is shown
in Figure 3 and specified in the Electrical Characteristic
table. If an external clock is detected on the SYNC pin, the
internal switch mentioned above will turn off and isolate
3870 F04
VIN
CIN
CINTVCC
4.7µF
RVIN
1
INTVCC
LTC3870
5V
+
Figure 2. Setup for a 5V Input
Topside MOSFET Driver Supply (CB, DB)
External bootstrap capacitor CB, connected to the BOOST
pin, supplies the gate drive voltages for the topside MOS-
FET. Capacitor CB in the Functional Diagram is charged
though external diode DB from INTVCC when the SW pin
is low. When the topside MOSFET is to be turned on, the
driver places the CB voltage across the gate source of the
MOSFET. This enhances the MOSFET and turns on the
topside switch. The switch node voltage, SW, rises to VIN
and the BOOST pin follows. With the topside MOSFET on,
the boost voltage is above the input supply:
VBOOST = VIN + VINTVCC – VDB
The value of the boost capacitor, CB, needs to be 100 times
thatofthetotalinputcapacitanceofthetopsideMOSFET(s).
ThereversebreakdownoftheexternalSchottkydiodemust
begreaterthanVIN(MAX).Whenadjustingthegatedrivelevel,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com