Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3758 Datasheet(PDF) 34 Page - Linear Technology

Part # LT3758
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 34 Page - Linear Technology

Back Button LT3758 Datasheet HTML 30Page - Linear Technology LT3758 Datasheet HTML 31Page - Linear Technology LT3758 Datasheet HTML 32Page - Linear Technology LT3758 Datasheet HTML 33Page - Linear Technology LT3758 Datasheet HTML 34Page - Linear Technology LT3758 Datasheet HTML 35Page - Linear Technology LT3758 Datasheet HTML 36Page - Linear Technology LT3758 Datasheet HTML 37Page - Linear Technology LT3758 Datasheet HTML 38Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
LTC3784
34
3784fb
For more information www.linear.com/LTC3784
Figure 15. 4-Phase 480W Single Output Boost Converter
Typical applicaTions
MBOT2
MTOP2
SENSE2+
SENSE2–
SENSE1–
SENSE1+
VFB
ITH
SGND
EXTVCC
INTVCC
RUN
FREQ
SS
PLLIN/MODE
PGOOD
TG1
SW1
BOOST1
BG1
VBIAS
INTVCC
PGND
BG2
TG2
BOOST2
SW2
CB1, 0.1µF
COUTA1
22µF
× 4
CB2, 0.1µF
CINT1
4.7µF
RB
232k
LTC3784
L2
3.3µH
L1
3.3µH
MTOP1
MBOT1
100k
INTVCC
RSENSE1
4m
CSS, 0.1µF
RA, 12.1k
CITHA, 220pF
RITH, 8.66k
CITH, 15nF
RSENSE2
4m
D1
D2
ILIM
PHASMD
OVMODE
CLKOUT
+
COUTB1
220µF
VOUT
24V
20A*
VIN
5V to 24V
COUTA2
22µF
× 4
+
COUTB2
220µF
CINA
22µF
× 4
+
CINB
220µF
MBOT4
MTOP4
SENSE2+
SENSE2–
SENSE1–
SENSE1+
VFB
ITH
SGND
EXTVCC
RUN
FREQ
SS
PLLIN/MODE
PGOOD
TG1
SW1
BOOST1
BG1
VBIAS
INTVCC
PGND
BG2
TG2
BOOST2
SW2
CB3, 0.1µF
COUTA3
22µF
× 4
CB4, 0.1µF
CINT2
4.7µF
LTC3784
L4
3.3µH
L3
3.3µH
MTOP3
MBOT3
100k
INTVCC
RSENSE3
4m
RSENSE4
4m
D3
D4
ILIM
PHASMD
OVMODE
CLKOUT
+
COUTB3
220µF
COUTA4
22µF
× 4
+
COUTB4
220µF
3784 F15
CINA, COUTA1, COUTA2, COUTA3, COUTA4: TDK C4532X5R1E226M
CINB, COUTB1, COUTB2, COUTB3, COUTB4: SANYO, 50CE220LX
L1, L2, L3, L4: PULSE PA1494.362NL
MBOT1, MBOT2, MBOT3, MBOT4, MTOP1, MTOP2, MTOP3, MTOP4: RENESAS HAT2169H
D1, D2, D3, D4: BAS140W
*WHEN VIN < 8V, MAXIMUM LOAD CURRENT AVAILABLE IS REDUCED.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com