Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT8705 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8705
Description  60V PolyPhase Synchronous Boost Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8705 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8705 Datasheet HTML 10Page - Linear Technology LT8705 Datasheet HTML 11Page - Linear Technology LT8705 Datasheet HTML 12Page - Linear Technology LT8705 Datasheet HTML 13Page - Linear Technology LT8705 Datasheet HTML 14Page - Linear Technology LT8705 Datasheet HTML 15Page - Linear Technology LT8705 Datasheet HTML 16Page - Linear Technology LT8705 Datasheet HTML 17Page - Linear Technology LT8705 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
LTC3784
14
3784fb
For more information www.linear.com/LTC3784
operaTion
Overvoltage Mode Selection
The OVMODE pin is used to select how the LTC3784
operates during an overvoltage event, defined as when
the output feedback voltage (VFB) is greater than 110%
of its normal regulated point of 1.2V. It is also used to
determine the light-load mode of operation when the
LTC3784 is synchronized to an external clock through the
PLLIN/MODE pin.
The OVMODE pin is a logic input that should normally be
tied to INTVCC or grounded. Alternatively, the pin can be
left floating, which allow a weak internal resistor to pull
it down to ground.
OVMODE = INTVCC: An overvoltage event causes the error
amplifier to pull the ITH pin low. In Burst Mode operation,
this causes the LTC3784 to go to sleep and TG1/TG2 and
BG1/BG2areheldoff.Inpulse-skippingmode,BG1/BG2are
held off and TG1/TG2 will turn on if the inductor current is
positive. In forced continuous mode, TG1/TG2 (and BG1/
BG2) will switch on and off as the LTC3784 will regulate the
inductor current to a negative peak value (corresponding
to ITH = 0V) to discharge the output.
When OVMODE is tied to INTVCC, the LTC3784 operates
in pulse-skipping mode when synchronized.
In summary, with OVMODE = INTVCC, the inductor cur-
rent is not allowed to go negative (reverse from output to
input) except in forced continuous mode, where it does
reverse current but in a controlled manner with a regulated
negative peak current. OVMODE should be tied to INTVCC
in applications where the output voltage may sometimes
be above its regulation point (for example, if the output
is a battery or if there are other power supplies driving
the output) and no reverse current flow from output to
input is desired.
OVMODE Grounded or Left Floating: When OVMODE is
groundedorleftfloating,overvoltageprotectionisenabled
and the TG1/TG2 are turned on continuously until the
overvoltage condition is cleared, regardless of whether
Burst Mode operation, pulse-skipping mode, or forced
continuous mode is selected by the PLLIN/MODE pin.
This can cause large negative inductor currents to flow
from the output to the input if the output voltage is higher
than the input voltage.
Note however that in Burst Mode operation, the LTC3784
is in sleep during an overvoltage condition, which disables
theinternaloscillatorandBOOST-SWchargepump.Sothe
BOOST-SW voltage may discharge (due to leakage) if the
overvoltage conditions persists indefinitely. If BOOST-SW
discharges, then by definition TG would turn off.
When OVMODE is grounded or left floating, the LTC3784
operates in forced continuous mode when synchronized.
OVMODEshouldbetiedtogroundorleftfloatingincircuits,
such as automotive applications, where the input voltage
can often be above the regulated output voltage and it is
desirable to turn on TG1/TG2 to “pass through” the input
voltage to the output.
Operation at Low SENSE Pin Common Mode Voltage
ThecurrentcomparatorintheLTC3784ispowereddirectly
from the SENSE+ pin. This enables the common mode
voltage of the SENSE+ and SENSE– pins to operate at as
low as 2.3V, which is below the UVLO threshold. The figure
on the first page shows a typical application in which the
controller’s VBIAS is powered from VOUT while the VIN
supply can go as low as 2.3V. If the voltage on SENSE+
drops below 2.3V, the SS pin will be held low. When the
SENSE voltage returns to the normal operating range, the
SS pin will be released, initiating a new soft-start cycle.
BOOST Supply Refresh and Internal Charge Pump
EachtopMOSFETdriverisbiasedfromthefloatingbootstrap
capacitor, CB, which normally recharges during each cycle
through an external diode when the bottom MOSFET turns
on. There are two considerations for keeping the BOOST
supply at the required bias level. During start-up, if the
bottom MOSFET is not turned on within 200μs after UVLO
goes low, the bottom MOSFET will be forced to turn on for
~400ns. This forced refresh generates enough BOOST-SW
voltage to allow the top MOSFET ready to be fully enhanced
instead of waiting for the initial few cycles to charge up.
Thereisalsoaninternalchargepumpthatkeepstherequired
bias on BOOST. The charge pump always operates in both
forcedcontinuousmodeandpulse-skippingmode.InBurst
Modeoperation,thechargepumpisturnedoffduringsleep
and enabled when the chip wakes up. The internal charge
pump can normally supply a charging current of 55μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com