Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3883 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3883
Description  PolyPhase Step-Down Slave Controller for Digital Power System Management
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3883 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3883 Datasheet HTML 12Page - Linear Technology LTC3883 Datasheet HTML 13Page - Linear Technology LTC3883 Datasheet HTML 14Page - Linear Technology LTC3883 Datasheet HTML 15Page - Linear Technology LTC3883 Datasheet HTML 16Page - Linear Technology LTC3883 Datasheet HTML 17Page - Linear Technology LTC3883 Datasheet HTML 18Page - Linear Technology LTC3883 Datasheet HTML 19Page - Linear Technology LTC3883 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3870-1
20
38701f
For more information www.linear.com/LTC3870-1
LINEAR TECHNOLOGY CORPORATION 2015
LT 1115 • PRINTED IN USA
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3870-1
Typical applicaTion
+
LTC3870-1
100
1000pF
0.42µH
4.7µF
530µF
530µF
84.5k
0.0015
0.0015
100
100
1000pF
100
DrMOS
DrMOS
VIN
RUN0
RUN1
FAULT0
FAULT1
ITH0
SYNC
ITH1
FREQ
PHASMD
MODE1
MODE0
GND
ILIM
ISENSE1-
ISENSE0-
ISENSE0+ ISENSE1+
VCC1
VCC0
PWM0
PWM1
INTVCC
EXTVCC
VOUT
1.5V
80A
RUN0
RUN1
GPIO0
GPIO1
ITH0
SYNC
ITH1
LTC3887-1
VSENSE0+
VSENSE1+
1.5V
* REFER TO LTC3887-1 DATA SHEET
FOR MASTER SETUP
VIN
7V TO 14V
0.42µH
+
38701 TA04
DrMOS: FAIRCHILD FDMF6820A
4-Phase 1.5V/80A Step-Down Converter with Sensing Resistors
relaTeD parTs
PART
NUMBER
DESCRIPTION
COMMENTS
LTM4676A Dual 13A or Single 26A Step-Down DC/DC µModule Regulator
with Digital Power System Management
4.5V ≤ VIN ≤ 17V, 0.5V ≤ VOUT (±0.5%) ≤ 5.5V, I2C/PMBus Interface,
16mm × 16mm ×  5mm, BGA Package
LTM4675
Dual 9A or Single 18A μModule Regulator
with Digital Power System Management
4.5V ≤ VIN ≤1 7V; 0.5V ≤ VOUT (±0.5%) ≤ 5.5V, I2C/PMBus Interface,
11.9mm × 16mm ×  5mm, BGA Package
LTM4677
Dual 18A or Single 18A μModule Regulator
with Digital Power System Management
4.5V ≤ VIN ≤ 16V; 0.5V ≤ VOUT (±0.5%) ≤ 1.8V, I2C/PMBus Interface,
16mm ×  16mm ×  5.01mm, BGA Package
LTC3884
Dual Output Multiphase Step-Down Controller with Sub MilliOhm DCR
Sensing Current Mode Control and Digital Power System Management
4.5V ≤ VIN ≤ 38V, 0.5V ≤ VOUT (±0.5%) ≤ 5.5V, 70ms Start-Up, I2C/PMBus
Interface, Programmable Analog Loop Compensation, Input Current Sense
LTC3887/
LTC3887-1
Dual Output Multiphase Step-Down DC/DC Controller
with Digital Power System Management, 70ms Start-Up
4.5V ≤ VIN ≤ 24V, 0.5V ≤ VOUT0,1 (±0.5%) ≤ 5.5V, 70ms Start-Up, I2C/
PMBus Interface, –1 Version Uses DrMOS and Power Blocks
LTC3882/
LTC3882-1
Dual Output Multiphase Step-Down DC/DC Voltage Mode
Controller with Digital Power System Management
3V ≤ VIN ≤ 38V, 0.5V ≤ VOUT1,2 ≤ 5.25V, ±0.5% VOUT Accuracy
I2C/PMBus Interface, Uses DrMOS or Power Blocks
LTC3886
60V Dual Output Step-Down Controller
with Digital Power System Management
4.5V ≤ VIN ≤ 60V, 0.5V ≤ VOUT0,1 (±0.5%) ≤ 13.8V, 70ms Start-Up,
I2C/PMBus Interface, Input Current Sense
LTC3883/
LTC3883-1
Single Phase Step-Down DC/DC Controller
with Digital Power System Management
VIN Up to 24V, 0.5V ≤ VOUT ≤ 5.5V, Input Current Sense Amplifier,
I2C/PMBus Interface with EEPROM and 16-Bit ADC, ±0.5% VOUT Accuracy
LTC3815
6A Monolithic Synchronous DC/DC Step-Down Converter
with Digital Power System Management
2.25V ≤ VIN ≤ 5.5V, 0.4V ≤ VOUT ≤ 0.72VIN, Programmable VOUT Range
±25% with 0.1% Resolution, Up to 3MHz Operation with 13-bit ADC
LTC3874
Multiphase Step-Down Synchronous Slave Controller
with Sub MilliOhm DCR Sensing
4.5V ≤ VIN ≤ 38V, VOUT Up to 5.5V, Very High Output Current,
Accurate Current Sharing, Current Mode Applications
LTC3880/
LTC3880-1
Dual Output Multiphase Step-Down DC/DC Controller
with Digital Power System Management
4.5V ≤ VIN ≤ 24V, 0.5V ≤ VOUT0 (±0.5%) ≤ 5.4V, 145ms Start-Up,
I2C/PMBus Interface with EEPROM and 16-Bit ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com