Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3758 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3758
Description  No RSENSE Current Mode Boost DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3758 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3758 Datasheet HTML 5Page - Linear Technology LT3758 Datasheet HTML 6Page - Linear Technology LT3758 Datasheet HTML 7Page - Linear Technology LT3758 Datasheet HTML 8Page - Linear Technology LT3758 Datasheet HTML 9Page - Linear Technology LT3758 Datasheet HTML 10Page - Linear Technology LT3758 Datasheet HTML 11Page - Linear Technology LT3758 Datasheet HTML 12Page - Linear Technology LT3758 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3872-1
9
38721f
For more information www.linear.com/LTC3872-1
the inductor value can be determined using the following
equation:
L =
VIN(MIN)
∆IL • f
•DMAX
where:
∆IL = c•
IO(MAX)
1–DMAX
Remember that boost converters are not short-circuit
protected. Under a shorted output condition, the induc-
tor current is limited only by the input supply capability.
The minimum required saturation current of the inductor
can be expressed as a function of the duty cycle and the
load current, as follows:
IL(SAT) ≥ 1+
χ
2
•
IO(MAX)
1–DMAX
The saturation current rating for the inductor should be
checked at the minimum input voltage (which results in
thehighestinductorcurrent)andmaximumoutputcurrent.
Operating in Discontinuous Mode
Discontinuous mode operation occurs when the load cur-
rent is low enough to allow the inductor current to run
out during the off-time of the switch. Once the inductor
current is near zero, the switch and diode capacitances
resonate with the inductance to form damped ringing at
1MHz to 10MHz. If the off-time is long enough, the drain
voltage will settle to the input voltage.
Depending on the input voltage and the residual energy
in the inductor, this ringing can cause the drain of the
power MOSFET to go below ground where it is clamped
by the body diode. This ringing is not harmful to the IC
and it has been shown not to contribute significantly to
EMI. Any attempt to damp it with a snubber will degrade
the efficiency.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. Actual core loss is independent of core size
for a fixed inductor value, but is very dependent on the
inductance selected. As inductance increases, core losses
go down. Unfortunately, increased inductance requires
more turns of wire and therefore, copper losses will in-
crease. Generally, there is a tradeoff between core losses
and copper losses that needs to be balanced.
Ferrite designs have very low core losses and are pre-
ferred at high switching frequencies, so design goals can
concentrate on copper losses and preventing saturation.
Ferrite core material saturates “hard,” meaning that the
inductancecollapsesrapidlywhenthepeakdesigncurrent
is exceeded. This results in an abrupt increase in inductor
ripple current and consequently, output voltage ripple. Do
not allow the core to saturate!
Different core materials and shapes will change the size/
currentandprice/currentrelationshipofaninductor.Toroid
or shielded pot cores in ferrite or permalloy materials are
small and don’t radiate much energy, but generally cost
more than powdered iron core inductors with similar
characteristics. The choice of which style inductor to use
mainly depends on the price vs size requirements and any
radiated field/EMI requirements. New designs for surface
mount inductors are available from Coiltronics, Coilcraft,
Toko and Sumida.
Power MOSFET Selection
ThepowerMOSFETservestwopurposesintheLTC3872-1:
it represents the main switching element in the power
path and its RDS(ON) represents the current sensing ele-
ment for the control loop. Important parameters for the
power MOSFET include the drain-to-source breakdown
voltage (BVDSS), the threshold voltage (VGS(TH)), the on-
resistance (RDS(ON)) versus gate-to-source voltage, the
gate-to-source and gate-to-drain charges (QGS and QGD,
respectively), the maximum drain current (ID(MAX)) and
the MOSFET’s thermal resistances (RTH(JC) and RTH(JA)).
Logic-level (4.5V VGS-RATED) threshold MOSFETs should
be used when input voltage is high, otherwise if low input
voltage operation is expected (e.g., supplying power from
alithium-ionbatteryora3.3Vlogicsupply),thensublogic-
level(2.5VVGS-RATED)thresholdMOSFETsshouldbeused.
Pay close attention to the BVDSS specifications for the
MOSFETs relative to the maximum actual switch voltage
in the application. Many logic-level devices are limited
applicaTions inForMaTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com