Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3887 Datasheet(PDF) 88 Page - Linear Technology

Part # LTC3887
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3887 Datasheet(HTML) 88 Page - Linear Technology

Back Button LTC3887 Datasheet HTML 84Page - Linear Technology LTC3887 Datasheet HTML 85Page - Linear Technology LTC3887 Datasheet HTML 86Page - Linear Technology LTC3887 Datasheet HTML 87Page - Linear Technology LTC3887 Datasheet HTML 88Page - Linear Technology LTC3887 Datasheet HTML 89Page - Linear Technology LTC3887 Datasheet HTML 90Page - Linear Technology LTC3887 Datasheet HTML 91Page - Linear Technology LTC3887 Datasheet HTML 92Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 108 page
background image
LTC3882-1
88
Rev A
For more information www.analog.com
STATUS_INPUT
The STATUS_INPUT command returns one byte of VIN (VINSNS) status information.
STATUS_INPUT Message Contents:
BIT
MEANING
7
VIN overvoltage fault.
6
Not supported (LTC3882-1 returns 0).
5
VIN undervoltage warning.
4
Not supported (LTC3882-1 returns 0).
3
Unit off for insufficient VIN.
2:0
Not supported (LTC3882-1 returns 0).
ALERT can be asserted if bit 7 is set. Bit 7 may be cleared by writing it to a 1, in lieu of a CLEAR_FAULTS command.
This command has one data byte.
STATUS_TEMPERATURE
The STATUS_TEMPERATURE command returns one byte of sensed external temperature status information.
STATUS_TEMPERATURE Message Contents:
BIT
MEANING
7
External overtemperature fault.
6
External overtemperature warning.
5
Not supported (LTC3882-1 returns 0).
4
External undertemperature fault.
3:0
Not supported (LTC3882-1 returns 0).
ALERT can be asserted if any supported bits are set. Any supported bit may be cleared by writing a 1 to that bit position in STATUS_TEMPERATURE, in lieu
of a CLEAR_FAULTS command.
This command has one data byte.
STATUS_CML
The STATUS_CML command returns one byte of status information on received commands, internal memory and logic.
STATUS_CML Message Contents:
BIT
MEANING
7
Invalid or unsupported command received.
6
Invalid or unsupported data received.
5
Packet error check failed.
4
Memory fault detected.
3
Processor fault detected.
2
Reserved (LTC3882-1 returns 0).
1
Other communication fault.
0
Other memory or logic fault.
ALERT can be asserted if any supported bits are set. Any supported bit may be cleared by writing a 1 to that bit position in STATUS_CML, in lieu of a
CLEAR_FAULTS command.
This command has one data byte.
PMBus COMMAND DETAILS (Status Reporting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com