Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1871 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC1871
Description  No RSENSE Current Mode Boost DC/DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC1871 Datasheet HTML 12Page - Linear Technology LTC1871 Datasheet HTML 13Page - Linear Technology LTC1871 Datasheet HTML 14Page - Linear Technology LTC1871 Datasheet HTML 15Page - Linear Technology LTC1871 Datasheet HTML 16Page - Linear Technology LTC1871 Datasheet HTML 17Page - Linear Technology LTC1871 Datasheet HTML 18Page - Linear Technology LTC1871 Datasheet HTML 19Page - Linear Technology LTC1871 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LTC3872-1
20
38721f
For more information www.linear.com/LTC3872-1
LinearTechnology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
LINEAR TECHNOLOGY CORPORATION 2014
LT 0214 • PRINTED IN USA
(408)432-1900 ● FAX: (408) 434-0507 ● www.linear.com/LTC3872-1
relaTeD parTs
PART NUMBER
DESCRIPTION
COMMENTS
LTC3786
Low IQ Synchronous Step-Up Controller
4.5V(Down to 2.5V After Start-Up) ≤ VIN ≤ 38V, VOUT Up to 60V, 55µA
Quiescent Current, 3mm × 3mm QFN-16, MSOP-16E
LTC3787/LTC3787-1
Single Output, Dual Channel Multiphase Synchronous
Step-Up Controller
4.5V(Down to 2.5V After Start-Up) ≤ VIN ≤ 38V, VOUT Up to 60V, 50kHz to
900kHz Operating Frequency, 4mm × 5mm QFN-28, SSOP-28
LTC3788/LTC3788-1
Multiphase, Dual Output Synchronous Step-Up
Controller
4.5V(Down to 2.5V After Start-Up) ≤ VIN ≤ 38V, VOUT Up to 60V, 50kHz to
900kHz Fixed Operating Frequency, 5mm × 5mm QFN-32, SSOP-28
LTC3862/LTC3862-1
Multiphase, Dual Channel Single Output Current Mode
Step-Up DC/DC Controller
4V ≤ VIN ≤ 36V, 5V or 10V Gate Drive, 75kHz to 500kHz Fixed Operating
Frequency, SSOP-24, TSSOP-24, 5mm × 5mm QFN-24
LT3757A/LT3758/
LT3759
Boost, Flyback, SEPIC and Inverting Controller
1.6V/2.9V ≤ VIN ≤ 40V/100V, 100kHz to 1MHz Fixed Operating Frequency,
3mm × 3mm DFN-10 and MSOP-10E
LT3957A/LT3958/
LT3959
Boost, Flyback, SEPIC and Inverting Converters with
Onboard Power Switch
1.6V/3V/5V ≤ VIN ≤ 40V/80V, 100kHz to 1MHz Programmable Operation
Frequency, 5mm × 6mm QFN Package
LTC1871/LTC1871-1/
LTC1871-7
Wide Input Range, No RSENSE Low Quiescent Current
Flyback, Boost and SEPIC Controller
2.5V ≤ VIN ≤ 36V, 50kHz to 1MHz Fixed Operating Frequency, IQ = 250µA,
MSOP-10
LTC3859AL
Low IQ, Triple Output Buck/Buck/Boost Synchronous
DC/DC Controller
All Outputs Remain in Regulation Through Cold Crank, 4.5V(Down to
2.5V After Start-Up) ≤ VIN ≤ 38V, VOUT(BUCKS) Up to 24V, VOUT(BOOST) Up
to 60V, IQ = 28µA
3.3V Input, 5V/2A Output Boost Converter
Typical applicaTion
ITH
IPRG
GND
VFB
VIN
SW
NGATE
LTC3872-1
D1
M1
38721 TA02
RUN/SS
17.4k
VIN
11k
1%
34.8k
1%
CIN
10µF
COUT
100µF
×2
1.8nF
47pF
L1
1µH
VIN
3.3V
VOUT
5V
2A
D1: DIODES INC. B320
L1: TOKO FDV0630-1R0
M1: VISHAY Si3460DDV
1 M
1nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com