Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3869 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3869
Description  Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3869 Datasheet(HTML) 2 Page - Linear Technology

  LTC3869 Datasheet HTML 1Page - Linear Technology LTC3869 Datasheet HTML 2Page - Linear Technology LTC3869 Datasheet HTML 3Page - Linear Technology LTC3869 Datasheet HTML 4Page - Linear Technology LTC3869 Datasheet HTML 5Page - Linear Technology LTC3869 Datasheet HTML 6Page - Linear Technology LTC3869 Datasheet HTML 7Page - Linear Technology LTC3869 Datasheet HTML 8Page - Linear Technology LTC3869 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
LTC3875
2
3875fb
For more information www.linear.com/LTC3875
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Supply Voltage (VIN)......................... 40V to –0.3V
Topside Driver Voltages
(BOOST1, BOOST2).................................... 46V to –0.3V
Switch Voltage (SW1, SW2).......................... 40V to –5V
INTVCC, RUN(s), PGOOD, EXTVCC
(BOOST-SW1), (BOOST2-SW2).................... 6V to –0.3V
SNSA+(s), SNSD+(s),
SNS–(s) Voltages ..................................INTVCC to –0.3V
(Note 1)
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
SGND/PGND
UJ PACKAGE
40-LEAD (6mm
× 6mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
TK/SS1
VOSNS1+
VOSNS1–
ITH1
ITH2
VOSNS2+
VOSNS2–
TK/SS2
SNSA2+
SNS2–
SW1
TG1
BOOST1
BG1
VIN
INTVCC
EXTVCC
BG2
BOOST2
TG2
21
30
10
1
TJMAX = 125°C, θJA = 33°C/W, θJC = 2.0°C/W
EXPOSED PAD (PIN 41) IS SGND/PGND, MUST BE SOLDERED TO PCB
MODE/PLLIN, ILIM, FREQ, IFAST, ENTMPB
VOSNS(s)+, VOSNS(s)– Voltages ...............INTVCC to –0.3V
ITH1, ITH2, PHASMD, TRSET1, TRSET2,
TCOMP1, TCOMP2, TAVG Voltages.......INTVCC to –0.3V
INTVCC Peak Output Current................................100mA
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 125°C
39
40
38 37 36 35 34 33 32 31
11
20
12 13 14 15
TOP VIEW
41
SGND/PGND
UH PACKAGE
40-LEAD (5mm
× 5mm) PLASTIC QFN
16 17 18 19
22
23
24
25
26
27
28
29
9
8
7
6
5
4
3
2
TK/SS1
VOSNS1+
VOSNS1–
ITH1
ITH2
VOSNS2+
VOSNS2–
TK/SS2
SNSA2+
SNS2–
SW1
TG1
BOOST1
BG1
VIN
INTVCC
EXTVCC
BG2
BOOST2
TG2
21
30
10
1
TJMAX = 125°C, θJA = 44°C/W, θJC = 7.3°C/W
EXPOSED PAD (PIN 41) IS SGND/PGND, MUST BE SOLDERED TO PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com