Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN15731 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15731
Description  Asymmetric beam for wall washing with holder B compatible
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15731 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15731_18 Datasheet HTML 1Page - Ledil, Inc. FN15731_18 Datasheet HTML 2Page - Ledil, Inc. FN15731_18 Datasheet HTML 3Page - Ledil, Inc. FN15731_18 Datasheet HTML 4Page - Ledil, Inc. FN15731_18 Datasheet HTML 5Page - Ledil, Inc. FN15731_18 Datasheet HTML 6Page - Ledil, Inc. FN15731_18 Datasheet HTML 7Page - Ledil, Inc. FN15731_18 Datasheet HTML 8Page - Ledil, Inc. FN15731_18 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
FN15731_RONDA-WAS-B
RONDA-WAS-B
Asymmetric beam for wall washing with holder
B compatible with 3rd party connectors from
BJB, IDEAL and Stucchi
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.9 mm
Height
22.3 mm
Fastening
screw
Colour
white
Box size
Box weight
0 kg
Quantity in Box
420 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RONDA-WAS
Lens
PMMA
clear
RONDA-HLD-B
Holder
PC
white
Last update: 24/05/2018
Subject to change without prior notice
1/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN15731_18

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FN15731 CREE-FN15731 Datasheet
1Mb / 9P
Ronda series
More results

Similar Description - FN15731_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15380 LEDIL-FN15380 Datasheet
10Mb / 13P
Asymmetric beam for wall washing with holder A compatible
FN15733 LEDIL-FN15733_18 Datasheet
8Mb / 7P
Double asymmetric beam for wall washing and supermarket applications with holder B compatible
FN15971 LEDIL-FN15971_18 Datasheet
5Mb / 10P
Asymmetric beam for wall washing with holder C compatible with LEDiL HEKLA
FN15977 LEDIL-FN15977 Datasheet
3Mb / 5P
Asymmetric beam for wall washing with holder A compatible
FN15978 LEDIL-FN15978 Datasheet
3Mb / 5P
Asymmetric beam for wall washing with holder B compatible
F15685 LEDIL-F15685 Datasheet
2Mb / 6P
Asymmetric beam for wall-washing
CA13177 LEDIL-CA13177 Datasheet
5Mb / 9P
Asymmetric beam for wall washing
CP17598 LEDIL-CP17598 Datasheet
1Mb / 4P
Asymmetric beam for wall-washing
CP17592 LEDIL-CP17592 Datasheet
1Mb / 4P
Asymmetric beam for wall-washing
F14344 LEDIL-F14344 Datasheet
9Mb / 10P
Asymmetric beam for wall-washing
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com