Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN15966 Datasheet(PDF) 6 Page - Ledil, Inc.

Part # FN15966
Description  ~90째 wide beam with holder C compatible with LEDiL HEKLA
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15966 Datasheet(HTML) 6 Page - Ledil, Inc.

Back Button FN15966_18 Datasheet HTML 2Page - Ledil, Inc. FN15966_18 Datasheet HTML 3Page - Ledil, Inc. FN15966_18 Datasheet HTML 4Page - Ledil, Inc. FN15966_18 Datasheet HTML 5Page - Ledil, Inc. FN15966_18 Datasheet HTML 6Page - Ledil, Inc. FN15966_18 Datasheet HTML 7Page - Ledil, Inc. FN15966_18 Datasheet HTML 8Page - Ledil, Inc. FN15966_18 Datasheet HTML 9Page - Ledil, Inc. FN15966_18 Datasheet HTML 10Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PRODUCT
DATASHEET
FN15966_RONDA-WWW-C
PHOTOMETRIC DATA (MEASURED):
LED
LUXEON CoB 1202s
FWHM
94.0°
Efficiency
90 %
Peak intensity
0.500 cd/lm
Required components:
F15848_HEKLA-SOCKET-G
LED
CXM-9
FWHM
80.0°
Efficiency
89 %
Peak intensity
0.520 cd/lm
Required components:
F15255_HEKLA-SOCKET-C
LED
COB D Series LES 14.5 mm
FWHM
80.0°
Efficiency
82 %
Peak intensity
0.470 cd/lm
Required components:
F15859_HEKLA-SOCKET-I
LED
COB D Series LES 9.8 mm
FWHM
81.0°
Efficiency
90 %
Peak intensity
0.510 cd/lm
Required components:
F15255_HEKLA-SOCKET-C
Last update: 11/05/2018
Subject to change without prior notice
6/10
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com