Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FN15970 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FN15970
Description  ~25째 spot beam with holder C compatible with LEDiL HEKLA
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FN15970 Datasheet(HTML) 1 Page - Ledil, Inc.

  FN15970_18 Datasheet HTML 1Page - Ledil, Inc. FN15970_18 Datasheet HTML 2Page - Ledil, Inc. FN15970_18 Datasheet HTML 3Page - Ledil, Inc. FN15970_18 Datasheet HTML 4Page - Ledil, Inc. FN15970_18 Datasheet HTML 5Page - Ledil, Inc. FN15970_18 Datasheet HTML 6Page - Ledil, Inc. FN15970_18 Datasheet HTML 7Page - Ledil, Inc. FN15970_18 Datasheet HTML 8Page - Ledil, Inc. FN15970_18 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
PRODUCT
DATASHEET
FN15970_RONDA-S-C
RONDA-S-C
~25° spot beam with holder C compatible with
LEDiL HEKLA
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 69.9 mm
Height
17.2 mm
Fastening
socket
Colour
clear
Box size
Box weight
0 kg
Quantity in Box
420 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
RONDA-S
Lens
PMMA
clear
RONDA-HLD-C
Holder
PC
clear
Last update: 11/05/2018
Subject to change without prior notice
1/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FN15970_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15970 LEDIL-FN15970 Datasheet
2Mb / 35P
Ronda Assembly
More results

Similar Description - FN15970_18

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CN16191 LEDIL-CN16191 Datasheet
4Mb / 7P
~65째 wide beam with holder C compatible with LEDiL HEKLA
FN15966 LEDIL-FN15966_18 Datasheet
7Mb / 10P
~90째 wide beam with holder C compatible with LEDiL HEKLA
FN15969 LEDIL-FN15969 Datasheet
11Mb / 9P
~45째 wide beam with holder C compatible with LEDiL HEKLA
CP16106 LEDIL-CP16106 Datasheet
8Mb / 8P
~12째 spot beam. Assembly with holder C compatible with LEDiL HEKLA.
CP16107 LEDIL-CP16107 Datasheet
11Mb / 8P
~24째 spot beam. Assembly with holder C compatible with LEDiL HEKLA.
F15558 LEDIL-F15558_18 Datasheet
8Mb / 9P
~15째 spot beam. Compatible with LEDiL HEKLA.
F15559 LEDIL-F15559_18 Datasheet
8Mb / 9P
~25째 wide beam. Compatible with LEDiL HEKLA.
F16363 LEDIL-F16363 Datasheet
6Mb / 4P
~12째 spot beam compatible with LEDiL HEKLA
F16364 LEDIL-F16364 Datasheet
5Mb / 5P
~25째 wide beam compatible with LEDiL HEKLA
CARMEN-RS-C LEDIL-CARMEN-RS-C Datasheet
19Mb / 13P
~10째 spot beam. Assembly with holder C compatible with LEDiL HEKLA.
14/01/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com