Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3887 Datasheet(PDF) 88 Page - Linear Technology

Part # LTC3887
Description  Dual Output PolyPhase Step-Down Controller with Sub-Milliohm DCR Sensing and Digital Power System Management
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3887 Datasheet(HTML) 88 Page - Linear Technology

Back Button LTC3887 Datasheet HTML 84Page - Linear Technology LTC3887 Datasheet HTML 85Page - Linear Technology LTC3887 Datasheet HTML 86Page - Linear Technology LTC3887 Datasheet HTML 87Page - Linear Technology LTC3887 Datasheet HTML 88Page - Linear Technology LTC3887 Datasheet HTML 89Page - Linear Technology LTC3887 Datasheet HTML 90Page - Linear Technology LTC3887 Datasheet HTML 91Page - Linear Technology LTC3887 Datasheet HTML 92Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 128 page
background image
LTC3884/LTC3884-1
88
3884fe
For more information www.linear.com/LTC3884
PMBus COMMAND DETAILS
TEMPERATURE
External Temperature Calibration
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
MFR_TEMP_1_GAIN
0xF8
Sets the slope of the external temperature
sensor.
R/W Word
Y
CF
Y
1.0
0x4000
MFR_TEMP_1_OFFSET
0xF9
Sets the offset of the external temperature
sensor.
R/W Word
Y
L11
C
Y
0.0
0x8000
MFR_TEMP_1_GAIN
The MFR_TEMP_1_GAIN command will modify the slope of the external temperature sensor to account for non-idealities
in the element and errors associated with the remote sensing of the temperature in the inductor.
This command has two data bytes and is formatted in 16-bit 2’s complement integer. The effective gain adjustment is
N • 2–14. The nominal value is 1.
MFR_TEMP_1_OFFSET
The MFR_TEMP_1_OFFSET command will modify the offset of the external temperature sensor to account for non-
idealities in the element and errors associated with the remote sensing of the temperature in the inductor.
This command has two data bytes and is formatted in Linear_5s_11s format.
External Temperature Limits
COMMAND NAME
CMD CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT
UNITS
NVM
DEFAULT
VALUE
OT_FAULT_LIMIT
0x4F
External overtemperature fault limit.
R/W Word
Y
L11
C
Y
100.0
0xEB20
OT_WARN_LIMIT
0x51
External overtemperature warning
limit.
R/W Word
Y
L11
C
Y
85.0
0xEAA8
UT_FAULT_LIMIT
0x53
External undertemperature fault limit. R/W Word
Y
L11
C
Y
–40.0
0xE580
OT_FAULT_LIMIT
The OT_FAULT_LIMIT command sets the value of the external sense temperature measured by the ADC, in degrees
Celsius, which causes an overtemperature fault. The READ_TEMPERATURE_1 value will be used to determine if this
limit has been exceeded.
This command has two data bytes and is formatted in Linear_5s_11s format.
OT_WARN_LIMIT
The OT_WARN_LIMIT command sets the value of the external sense temperature measured by the ADC, in degrees
Celsius, which causes an overtemperature warning. The READ_TEMPERATURE_1 value will be used to determine if
this limit has been exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com