Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3891 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3891
Description  60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3891 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3891 Datasheet HTML 16Page - Linear Technology LTC3891 Datasheet HTML 17Page - Linear Technology LTC3891 Datasheet HTML 18Page - Linear Technology LTC3891 Datasheet HTML 19Page - Linear Technology LTC3891 Datasheet HTML 20Page - Linear Technology LTC3891 Datasheet HTML 21Page - Linear Technology LTC3891 Datasheet HTML 22Page - Linear Technology LTC3891 Datasheet HTML 23Page - Linear Technology LTC3891 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
LTC3899
20
3899fa
For more information www.linear.com/LTC3899
C1 is usually selected to be in the range of 0.1μF to 0.47μF.
This forces R1|| R2 to around 2k, reducing error that might
have been caused by the SENSE+ pin’s ±1μA current.
The equivalent resistance R1||R2 is scaled to the tempera-
ture inductance and maximum DCR:
R1R2=
L
(DCR at 20°C)•C1
The sense resistor values are:
R1=
R1R2
RD
; R2 =
R1•RD
1−RD
The maximum power loss in R1 is related to duty cycle,
and will occur in continuous mode at the maximum input
voltage:
PLOSS R1=
VIN(MAX)− VOUT
(
)•VOUT
R1
For the boost controller, the maximum power loss in R1
will occur in continuous mode at VIN = 1/2 • VOUT:
PLOSS R1=
VOUT(MAX)− VIN
(
)•VIN
R1
Ensure that R1 has a power rating higher than this value.
If high efficiency is necessary at light loads, consider this
power loss when deciding whether to use DCR sensing or
sense resistors. Light load power loss can be modestly
higher with a DCR network than with a sense resistor,
due to the extra switching losses incurred through R1.
However,DCRsensingeliminatesasenseresistor,reduces
conduction losses and provides higher efficiency at heavy
loads.Peakefficiencyisaboutthesamewitheithermethod.
Inductor Value Calculation
The operating frequency and inductor selection are inter-
related in that higher operating frequencies allow the use
of smaller inductor and capacitor values. So why would
anyone ever choose to operate at lower frequencies with
larger components? The answer is efficiency. A higher
frequency generally results in lower efficiency because of
MOSFET switching and gate charge losses. In addition to
this basic trade-off, the effect of inductor value on ripple
currentandlowcurrentoperationmustalsobeconsidered.
The inductor value has a direct effect on ripple current.
The inductor ripple current, ∆IL, decreases with higher
inductance or higher frequency. For the buck controllers,
∆IL increases with higher VIN:
∆IL =
1
f
( ) L
( )
VOUT 1−
VOUT
VIN


For the boost controller, ∆IL increases with higher VOUT:
∆IL =
1
f
( ) L
( )
VIN 1−
VIN
VOUT


Accepting larger values of ∆IL allows the use of low
inductances, but results in higher output voltage ripple
and greater core losses. A reasonable starting point for
setting ripple current is ∆IL = 0.3(IMAX). The maximum
∆IL occurs at the maximum input voltage for the bucks
and VIN = 1/2 • VOUT for the boost.
The inductor value also has secondary effects. The tran-
sition to Burst Mode operation begins when the average
inductor current required results in a peak current below
25% of the current limit (30% for the boost) determined
by RSENSE. Lower inductor values (higher ∆IL) will cause
this to occur at lower load currents, which can cause a dip
in efficiency in the upper range of low current operation. In
Burst Mode operation, lower inductance values will cause
the burst frequency to decrease.
Inductor Core Selection
Once the value for L is known, the type of inductor must
be selected. High efficiency converters generally cannot
afford the core loss found in low cost powdered iron cores,
forcingtheuseofmoreexpensiveferriteormolypermalloy
cores. Actual core loss is independent of core size for a
fixedinductorvalue,butitisverydependentoninductance
value selected. As inductance increases, core losses go
down. Unfortunately, increased inductance requires more
turns of wire and therefore copper losses will increase.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com