Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3871 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3871
Description  150V Low IQ, Synchronous Step-Down DC/DC Controller
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 18Page - Linear Technology LTC3871 Datasheet HTML 19Page - Linear Technology LTC3871 Datasheet HTML 20Page - Linear Technology LTC3871 Datasheet HTML 21Page - Linear Technology LTC3871 Datasheet HTML 22Page - Linear Technology LTC3871 Datasheet HTML 23Page - Linear Technology LTC3871 Datasheet HTML 24Page - Linear Technology LTC3871 Datasheet HTML 25Page - Linear Technology LTC3871 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
LTC7801
22
7801f
For more information www.linear.com/LTC7801
The SS pin also controls the timing of the regulator
shutdown (REGSD) feature (as discussed in Regulator
ShutdownoftheOperationsection).Iftheapplicationdoes
not require the use of the EXTVCC LDO (the EXTVCC pin
is grounded), the REGSD feature must be defeated with
a pull-up resistor between SS and INTVCC, as shown in
Figure 7. Any resistor 330k or smaller between SS and
INTVCC defeats the 5μA pull-down current on SS that
turns on once SS reaches 2.2V (with the EXTVCC LDO
not enabled), preventing SS from discharging to 2.0V
and shutting down the regulator. Note the current through
this pull-up resistor adds to the internal 10μA SS pull-up
current at start-up, causing the total soft-start time to
be shorter than what it is calculated without the pull-up
resistor. The total soft-start time with the pull-up resistor
is approximately:
tSS ≈ CSS •
0.8V
10µA
+ 4.6V
RSS
where RSS is the value of the resistor between the SS and
INTVCC pins.
applicaTions inForMaTion
Figure 7. Using the SS Pin to Program Soft-Start
with EXTVCC Unused/Grounded to Defeat REGSD
7801 F07
LTC7801
SS
GND
INTVCC
EXTVCC
CSS
RSS
usesaninternalP-channelpassdevicebetweentheEXTVCC
and DRVCC pins. The NDRV LDO utilizes the NDRV pin to
drive the gate of an external N-channel MOSFET acting as
a linear regulator with its drain connected to VIN.
The NDRV LDO provides an alternative method to supply
power to DRVCC from the input supply without dissipating
the power inside the LTC7801 IC. It has an internal charge
pump that allows NDRV to be driven above the VIN sup-
ply, allowing for low dropout performance. The VIN LDO
has a slightly lower regulation point than the NDRV LDO,
such that all DRVCC current flows through the external N-
channel MOSFET (and not through the internal P-channel
pass device) once DRVCC reaches regulation.
When laying out the PC board, care should be taken to
route NDRV away from any switching nodes, especially
SW, TG, and BOOST. Coupling to the NDRV node could
cause its voltage to collapse and the NDRV LDO to lose
regulation. If this occurs, the internal VIN LDO would
take over and maintain DRVCC voltage at a slightly lower
regulation point. However, internal heating of the IC would
become a concern. High frequency noise on the drain of
the external NFET could also couple into the NDRV node
(through the gate-to-drain capacitance of the NDRV NFET)
and adversely affect NDRV regulation. The following are
methods that could mitigate this potential issue (refer to
Figure 8a).
1. Add local decoupling capacitors right next to the drain
of the external NDRV NFET in the PCB layout.
2. Insert a resistor (~100Ω) in series with the gate of the
NDRV NFET.
3. Insert a small capacitor (~1nF) between the gate and
source of the NDRV NFET.
When testing the application circuit, be sure the NDRV
voltage does not collapse over the entire input voltage
and output current operating range of the buck regulator.
DRVCC Regulators (OPTI-DRIVE)
The LTC7801 features three separate low dropout linear
regulators (LDO) that can supply power at the DRVCC pin.
TheinternalVINLDOusesaninternalP-channelpassdevice
between the VINandDRVCCpins.TheinternalEXTVCCLDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com