Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4609 Datasheet(PDF) 20 Page - Linear Technology

Part # LTM4609
Description  Low IQ, 38V Synchronous BoostBuck Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4609 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTM4609 Datasheet HTML 16Page - Linear Technology LTM4609 Datasheet HTML 17Page - Linear Technology LTM4609 Datasheet HTML 18Page - Linear Technology LTM4609 Datasheet HTML 19Page - Linear Technology LTM4609 Datasheet HTML 20Page - Linear Technology LTM4609 Datasheet HTML 21Page - Linear Technology LTM4609 Datasheet HTML 22Page - Linear Technology LTM4609 Datasheet HTML 23Page - Linear Technology LTM4609 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
LTC7812
20
7812fc
For more information www.linear.com/LTC7812
APPLICATIONS INFORMATION
rent elsewhere can effectively add parasitic inductance
and capacitance to the current sense element, degrading
the information at the sense terminals and making the
programmed current limit unpredictable. If DCR sensing
is used (Figure 2b), resistor R1 should be placed close to
the switching node, to prevent noise from coupling into
sensitive small-signal nodes.
Low Value Resistor Current Sensing
A typical sensing circuit using a discrete resistor is shown
in Figure 2a. RSENSE is chosen based on the required
output current.
The current comparators have a maximum threshold
VSENSE(MAX) of 50mV. The current comparator threshold
sets the peak of the inductor current, yielding a maximum
average output current, IMAX, equal to the peak value less
half the peak-to-peak ripple current, DIL. To calculate the
sense resistor value, use the equation:
RSENSE =
VSENSE(MAX)
IMAX +
DIL
2
When using the controller in very high duty cycle condi-
tions, the maximum output current level will be reduced
due to the internal compensation required to meet stabil-
ity criterion for switching regulators operating at greater
than 50% duty factor. A curve is provided in the Typical
Performance Characteristics section to estimate this re-
duction in peak output current level depending upon the
operating duty factor.
Inductor DCR Sensing
For applications requiring the highest possible efficiency
at high load currents, the LTC7812 is capable of sensing
the voltage drop across the inductor DCR, as shown in
Figure 2b. The DCR of the inductor represents the small
amount of DC winding resistance of the copper, which
can be less than 1mΩ for today’s low value, high current
inductors. In a high current application requiring such an
inductor, conduction loss through a sense resistor would
costseveralpointsofefficiencycomparedtoDCRsensing.
If the external R1||R2 • C1 time constant is chosen to be
exactly equal to the L/DCR time constant, the voltage drop
across the external capacitor is equal to the drop across
theinductorDCRmultipliedbyR2/(R1+R2).R2scalesthe
voltage across the sense terminals for applications where
the DCR is greater than the target sense resistor value.
To properly dimension the external filter components, the
DCR of the inductor must be known. It can be measured
using a good RLC meter, but the DCR tolerance is not
always the same and varies with temperature; consult
the manufacturers’ data sheets for detailed information.
2b. Using the Inductor DCR to Sense Current
2a. Using a Resistor to Sense Current
Figure 2. Current Sensing Methods
7812 F02a
LTC7812
INTVCC
BOOST
TG
SW
BG
SENSE1+
(SENSE2–)
SENSE1–
(SENSE2+)
SGND
VIN1
(VOUT2)
VOUT1
(VIN2)
RSENSE
CAP
PLACED NEAR SENSE PINS
7812 F02b
LTC7812
INTVCC
BOOST
TG
SW
BG
SENSE1+
(SENSE2–)
SENSE1–
(SENSE2+)
SGND
VIN1
(VOUT2)
VOUT1
(VIN2)
C1*
R2
*PLACE C1 NEAR SENSE PINS
RSENSE(EQ) = DCR(R2/(R1+R2))
L
DCR
INDUCTOR
R1
(R1||R2) • C1 = L/DCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com