Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7813 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC7813
Description  Low IQ, 60V, High Frequency Synchronous Step-Down Controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 18Page - Linear Technology LTC7813 Datasheet HTML 19Page - Linear Technology LTC7813 Datasheet HTML 20Page - Linear Technology LTC7813 Datasheet HTML 21Page - Linear Technology LTC7813 Datasheet HTML 22Page - Linear Technology LTC7813 Datasheet HTML 23Page - Linear Technology LTC7813 Datasheet HTML 24Page - Linear Technology LTC7813 Datasheet HTML 25Page - Linear Technology LTC7813 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC7800
22
7800f
For more information www.linear.com/LTC7800
Note that the LTC7800 can only be synchronized to an
external clock whose frequency is within range of the
LTC7800’sinternalVCO,whichisguaranteedtobebetween
320kHz and 2.25MHz. Typically, the external clock (on the
PLLIN/MODE pin) input high threshold is 1.6V, while the
input low threshold is 1.1V. The LTC7800 is guaranteed
to synchronize to an external clock that swings up to at
least 2.5V and down to 0.5V or less.
RapidphaselockingcanbeachievedbyusingtheFREQpin
to set a free-running frequency near the desired synchro-
nization frequency. The VCO’s input voltage is prebiased
at a frequency corresponding to the frequency set by the
FREQ pin. Once prebiased, the PLL only needs to adjust
the frequency slightly to achieve phase lock and synchro-
nization. Although it is not required that the free-running
frequency be near external clock frequency, doing so will
prevent the operating frequency from passing through a
large range of frequencies as the PLL locks.
APPLICATIONS INFORMATION
Table 2 summarizes the different states in which the FREQ
pin can be used.
Table 2
FREQ PIN
PLLIN/MODE PIN
FREQUENCY
0V
DC Voltage
0.94MHz
INTVCC
DC Voltage
1.44MHz
Resistor
DC Voltage
320kHz to 2.25MHz
Any of the Above
External Clock
Phase Locked to
External Clock
Minimum On-Time Considerations
Minimum on-time, tON(MIN), is the smallest time duration
that the LTC7800 is capable of turning on the top MOSFET.
It is determined by internal timing delays and the gate
charge required to turn on the top MOSFET. Low duty
cycle applications may approach this minimum on-time
limit and care should be taken to ensure that:
tON(MIN) <
VOUT
VIN f
( )
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase.
The minimum on-time for the LTC7800 is approximately
45ns. However, as the peak sense voltage decreases the
minimum on-time gradually increases up to about 70ns.
This is of particular concern in forced continuous applica-
tions with low ripple current at light loads. If the duty cycle
drops below the minimum on-time limit in this situation,
a significant amount of cycle skipping can occur with cor-
respondingly larger current and voltage ripple.
Efficiency Considerations
The percent efficiency of a switching regulator is equal to
the output power divided by the input power times 100%.
FREQ PIN RESISTOR (k)
7800 F08
25
35
45
55
65
75
85
95 105
250
500
750
1000
1250
1500
1750
2000
2250
Figure 8. Relationship Between Oscillator Frequency and
Resistor Value at the FREQ Pin
If the PLLIN/MODE pin is not being driven by an external
clock source, the FREQ pin can be tied to SGND, tied to
INTVCCorprogrammedthroughanexternalresistor.Tying
FREQtoSGNDselects0.94MHzwhiletyingFREQtoINTVCC
selects 1.44MHz. Placing a resistor between FREQ and
SGND allows the frequency to be programmed between
320kHz and 2.25MHz, as shown in Figure 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com