Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L6225N Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6225N
Description  DUAL DMOS FULL BRIDGE MOTOR DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6225N Datasheet(HTML) 5 Page - STMicroelectronics

  L6225N Datasheet HTML 1Page - STMicroelectronics L6225N Datasheet HTML 2Page - STMicroelectronics L6225N Datasheet HTML 3Page - STMicroelectronics L6225N Datasheet HTML 4Page - STMicroelectronics L6225N Datasheet HTML 5Page - STMicroelectronics L6225N Datasheet HTML 6Page - STMicroelectronics L6225N Datasheet HTML 7Page - STMicroelectronics L6225N Datasheet HTML 8Page - STMicroelectronics L6225N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5/10
L6225
ELECTRICAL CHARACTERISTICS(Tamb =25
°C, Vs = 48V, unless otherwise specified)
(5) Resistive load used. See Fig. 1.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VS
Supply Voltage
8
52
V
IS
Quiescent Supply Current
All Bridges OFF; -25
°C<Tj <125 °C
5.5
10
mA
Tj
Thermal Shutdown Temperature
150
°C
Outp ut DMOS Transistors
IDSS
Leakage Current
VS = 52V
1
mA
RDS(ON) High-side + Low-side Switch ON
Resistance
Tj =25 °C
1.47
1.69
Ω
Tj =125 °C
2.35
2.7
Ω
Source Drain Diodes
VSD
Forward ON Voltage
ISD = 1.4A, EN = LOW
1.2
V
trr
Reverse Recovery Time
If = 1.4A
300
ns
tfr
Forward Recovery Time
200
ns
Switching Rates
tD(on)EN Enable to out turn ON delay time (5) ILOAD = 1.4 A
250
ns
tD(on)IN Input to out turn ON delay time (5)
600
ns
tON
Output rise time(5)
20
105
300
ns
tD(off)EN Enable to out turn OFF delay time(5)
450
ns
tD(off)IN Input to out turn OFF delay time (5)
500
ns
toff
Output fall time(5)
20
78
300
ns
tdt
Dead time protection
1
µs
fCP
Charge pump frequency
0.75
1
MHz
UVLO comp
Vth(ON) Turn ON threshold
6.6
7
7.4
V
Vth(OFF) Turn OFF threshold
5.6
6
6.4
V
Logic Inpu t
VINL
Low level logic input voltage
-0.3
0.8
V
VINH
High level logic input voltage
2
7
V
IINH
High level logic input current
VIN, EN =5 V
70
µA
IINL
Low level logic input current
VIN, EN = GND
-10
µA
Over Current Protection
IS OVER Input supply over current
protection threshold
2
2.8
3.55
A
VDIAG
Open drain low level output
voltage
I = 4 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com