Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4442 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4442
Description  Fixed Ratio High Power Inductorless (Charge Pump) DC/DC Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4442 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4442 Datasheet HTML 9Page - Linear Technology LTC4442 Datasheet HTML 10Page - Linear Technology LTC4442 Datasheet HTML 11Page - Linear Technology LTC4442 Datasheet HTML 12Page - Linear Technology LTC4442 Datasheet HTML 13Page - Linear Technology LTC4442 Datasheet HTML 14Page - Linear Technology LTC4442 Datasheet HTML 15Page - Linear Technology LTC4442 Datasheet HTML 16Page - Linear Technology LTC4442 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
LTC7820
13
7820fc
For more information www.linear.com/LTC7820
APPLICATIONS INFORMATION
If the LTC7820 divider input voltage is controlled by a
front end supply or hot swap controller and ramps up
slowly, the LTC7820 capacitor voltages are naturally bal-
anced. In this case the pre-balance and no load start-up
requirements are not necessary.
Voltage Doubler and Inverter Startup and Disconnect
In voltage doubler and inverter applications, LTC7820 can
startup without capacitor inrush charging current if the
input voltage is ramping slowly up from zero. As long as
the input voltage ramps up slow (in milliseconds), the
output voltage can track the input voltage and the voltage
difference between capacitors are always small resulting
in no huge inrush currents. The slew rate control of the
input voltage can be achieved by using a disconnect FET
at input or using hot swap controllers as shown in the
typicalapplicationsection.Differentfromvoltagedividers,
the voltage doubler and inverter applications have to start
up from zero input voltage every time, but they can start
up with heavy load currents directly.
Note that voltage divider applications can also startup with
a slow ramping input voltage from zero to the steady state
operation if there is a hot swap in front of the LTC7820,
(pre-balance is not required).
Overcurrent Protection
The LTC7820 provides overcurrent protection through
a sensing resistor placed on the high voltage side. A
precision rail to rail comparator monitors the differential
voltage between the ISENSE+ pin and the ISENSE– pin which
are Kelvin connected to a sensing resistor. Whenever the
ISENSE+ pin voltage is 50mV higher than the ISENSE– pin
voltage,anovercurrentfaultistriggeredandtheFAULTpin
is pulled down to ground. At the same time the LTC7820
stops switching and starts retry mode based on the timer
pin setup. The overcurrent fault will be cleared when the
timer pin voltage reaches 4V and the voltage across the
sensing resistor is less than 50mV. The current through
the sensing resistor is a pulse current during charging/
discharging of the flying capacitors, which may result a
voltage higher than the 50mV threshold at heavy loads.
To prevent the inrush current from falsely triggering the
overcurrent protection, an RC filter is required at the
ISENSE+ pin and ISENSE–. The RC filter timer constant has
to be larger than a switching period. Typically a 100Ω and
0.1µF filter is good for most of applications. Due to the
current flowing into the ISENSE+ pin, the resistor of the
RC filter has to be placed at the ISENSE– pin. ISENSE+ pin
needs to be connected to the sensing resistor directly. The
current limit can be selected by choosing different sense
resistor values. For example, the 10mΩ sense resistor
sets current limit at 50mV/10mΩ = 5A ideally. Due to the
switching ripple, the actual current limit is always lower
than the ideal case. In real circuits, the current limit is
around 4.2A with 0.1µF/100Ω filter and 200kHz switch-
ing frequency. The LTspice® simulation tool can be used
to quantify the switching ripple.
The overcurrent protection can also be used in doubler
and inverter applications for overcurrent and short-circuit
conditions at both startup and steady state operation. If
over current protection is not used, short the ISENSE+ pin
and the ISENSE– pin together and connect them to the drain
of the top MOSFET M1.
Window Comparator Programming
Innormaloperation,VLOW_SENSEvoltageshouldbealways
close to half of the VHIGH_SENSE voltage. A floating win-
dow comparator monitors the voltage on the VLOW_SENSE
pin and compares it with VHIGH_SENSE/2. The hysteresis
window voltage can be programmed and is equal to the
voltage at the HYS_PRGM pin. There is a precision 10µA
current flowing out of HYS_PRGM pin. A single resistor
from HYS_PRGM pin to GND sets the HYS_PRGM pin
voltage, which equals the resistor value multiplied by
10µA current (e.g. the voltage is 1V with a 100k resistor
from the HYS_PRGM pin to GND). With a 100k resistor
on the HYS_PRGM pin, the VHIGH_SENSE/2 voltage has to
be within a (VLOW_SENSE ±1V) window during startup and
normal operation, otherwise a fault is triggered and the
LTC7820 stops switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com