Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC7813 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC7813
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC7813 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC7813 Datasheet HTML 12Page - Linear Technology LTC7813 Datasheet HTML 13Page - Linear Technology LTC7813 Datasheet HTML 14Page - Linear Technology LTC7813 Datasheet HTML 15Page - Linear Technology LTC7813 Datasheet HTML 16Page - Linear Technology LTC7813 Datasheet HTML 17Page - Linear Technology LTC7813 Datasheet HTML 18Page - Linear Technology LTC7813 Datasheet HTML 19Page - Linear Technology LTC7813 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
LTC7821
16
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
The “Typical Application” on the first page is a basic
LTC7821 application circuit. The LTC7821 can be con-
figured to use either DCR (inductor resistance) sensing
or resistor sensing. The choice between the two current
sensing schemes is largely a design trade-off between
cost, power consumption, and accuracy. DCR sensing is
popular because it saves an expensive current sensing
resistor and is more power efficient, especially in high
current applications. However, a current sensing resistor
providesthemostaccuratecurrentlimitfortheapplication.
Other external component selection is driven by the load
requirement, and begins with the selection of RSENSE (if
RSENSE is used). Next CFLY, CMID, and the power MOSFETs
are selected, followed by the input and output capacitors.
In addition to the power level, switching frequency plays
a role in selecting the balancing capacitance (CFLY and
CMID) and the inductance of the inductor.
ISNS+ and ISNS– Pins
The ISNS+ and ISNS– pins are the inputs to the current
comparators. The common mode input voltage range of
the current comparators is 0V to 36V. Both ISNS pins are
high impedance inputs with small leakage currents of less
than 1.2µA. When the ISNS pins ramp up from 0V to 2.4V,
small base currents flow out of the ISNS pins. When the
ISNS pins ramp down from 36V to 2V, the small base cur-
rents flow into the ISNS pins. The high impedance inputs
to the current comparators allow accurate DCR sensing.
However, care must be taken not to float these pins during
normal operation.
Filter components mutual to the sense lines should be
placed close to the LTC7821, and the sense lines should
run close together to a Kelvin connection underneath the
current sense element (shown in Figure 6). Sensing cur-
rent elsewhere can effectively add parasitic inductance
and capacitance to the current sense element, degrading
the information at the sense terminals and making the
programmed current limit unpredictable. If DCR sensing
is used (Figure 7b), sense resistor R1 should be placed
closetotheswitchingnode,topreventnoisefromcoupling
into sensitive small-signal nodes. The capacitor C1 should
be placed close to the IC pins.
Resistor Current Sensing
ThehybridarchitectureoftheLTC7821generatesavoltage
rail of half the VIN supply to the step-down control loop.
Therefore the current ripple calculation and its operating
duty cycle is referred to the voltage at the MID pin which
is approximately at VIN/2.
A typical sensing circuit using a discrete resistor is shown
in Figure 7a. RSENSE is chosen based on the required
output current.
The current comparator has a maximum threshold of
50mV and its inputs have a common mode range of 0V
to 36V. The current comparator threshold sets the peak of
the inductor current, yielding a maximum average output
current IMAX equal to the peak value less half the peak-to-
peak ripple current, ΔIL. To calculate the sense resistor
value, use the equation:
RSENSE =
50mV
I(MAX)+
ΔIL
2
Because of possible PCB noise in the current sensing
loop, the AC current sensing ripple of ΔVSENSE = ΔIL •
RSENSE also needs to be verified in the design to get a
good signal-to-noise ratio.
In general, for a reasonably good PCB layout, a 10mV
ΔVSENSEvoltageisrecommendedasaconservativenumber
tostartwith,eitherforRSENSEorDCRsensingapplications,
for duty cycles less than 40%. For applications where
the inductor’s ripple current could be greater than 50%
and operating at 750kHz and above, the sense resistor’s
parasitic inductance has to be taken into consideration
since its contribution is no longer negligible.
Figure 6. Sense Lines Placement with Sense Resistor
RSENSE
COUT
TO SENSE FILTER,
NEXT TO THE CONTROLLER
7821 F06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com