Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3871 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3871
Description  Hybrid Step-Down Synchronous Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3871 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3871 Datasheet HTML 16Page - Linear Technology LTC3871 Datasheet HTML 17Page - Linear Technology LTC3871 Datasheet HTML 18Page - Linear Technology LTC3871 Datasheet HTML 19Page - Linear Technology LTC3871 Datasheet HTML 20Page - Linear Technology LTC3871 Datasheet HTML 21Page - Linear Technology LTC3871 Datasheet HTML 22Page - Linear Technology LTC3871 Datasheet HTML 23Page - Linear Technology LTC3871 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
LTC7821
20
Rev A
For more information www.analog.com
RdsON product. M3 and M4 operate in a manner similar
to traditional buck converter, with M3 hard switching while
M4operatesinzerovoltageswitching(ZVS).ThereforeM3
and M4 should be chosen with the lowest (Qgd • RdsON)
and (Qg • RdsON) product, respectively.
MOSFET input capacitance is a combination of several
components but can be taken from the typical gate charge
curve included on most data sheets (see Figure 10). The
curve is generated by forcing a constant input current into
the gate of a common source, current source loaded stage
and then plotting the gate voltage versus time.
The initial slope is the effect of the gate-to-source and
the gate-to-drain capacitance. The flat portion of the
curve is the result of the Miller multiplication effect of the
voltage, but can be adjusted for different VDS voltage by
multiplying the ratio of the application VDS to the curve
specified VDS value. A way to estimate the CMILLER term is
to take the change in gate charge from point a-and-b on a
manufacturer’s data sheet and divide by the specified VDS
voltage. CMILLER is the most important selection criteria
for determining the transition loss term in the MOSFET
M3 but is not directly specified on MOSFET data sheets.
CRSS and COss are specified sometimes but definitions of
these parameters are not included.
In a traditional synchronous buck converter, the current
flowing through the upper and lower MOSFET is the same
as the inductor current (see Figure 11). In the hybrid topol-
ogy of the LTC7821, the MOSFET and inductor currents
do not match, because the capacitors play a role in energy
transfer to the output.
In the first phase (see Figure 12a), M1 and M3 are ON
and the capacitor CMID provides part of the inductor cur-
rent via M3. The rest of the inductor’s current is provided
through CFLY via M1. If the capacitance of CFLY is the same
as CMID, then the inductor’s current is equally supplied
by both capacitors as shown in Figure 12b. Therefore
compared to the traditional buck converter with the same
amount of inductor current, less current flowing through
M3meanslowerswitchinglossandconductionloss.Since
M3 switches hard, this reduction in current reduces the
switching loss significantly.
In the 2nd phase, M2 and M4 are ON (see Figure 13a).
In this phase, M4 not only has to supply the full inductor
APPLICATIONS INFORMATION
M3
M4
L1
C1
M3 CURRENT FLOW
M4 CURRENT FLOW
TIME
7821 F11
M3 CURRENT
M4 CURRENT
Figure 11. MOSFET’s Current of Traditional Synchronous Buck Converter
Figure 10. Gate Change Characteristic
gate-to-drain capacitance as the drain drops the voltage
across the current source load. The upper sloping line is
due to the drain-to-gate accumulation capacitance and
the gate-to-source capacitance. The Miller charge (the
increase in coulombs on the horizontal axis from a-to-b
while the curve is flat) is specified for a given VDS drain
V
MILLER
EFFECT
a
b
QIN
CMILLER = (QB – QA)/VDS
VIN
V
7821 F10
GS
VDS
VGS
+–
–
+
–
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com