Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2460 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2460
Description  Monolithic Triple Channel High Swing CRT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2460 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2460 Datasheet HTML 1Page - National Semiconductor (TI) LM2460 Datasheet HTML 2Page - National Semiconductor (TI) LM2460 Datasheet HTML 3Page - National Semiconductor (TI) LM2460 Datasheet HTML 4Page - National Semiconductor (TI) LM2460 Datasheet HTML 5Page - National Semiconductor (TI) LM2460 Datasheet HTML 6Page - National Semiconductor (TI) LM2460 Datasheet HTML 7Page - National Semiconductor (TI) LM2460 Datasheet HTML 8Page - National Semiconductor (TI) LM2460 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Notes 1,
3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
+136V
Bias Voltage (V
BB)
+16V
Input Voltage (V
IN)
−0.5 > V
IN > 4.25V
Storage Temperature
−40˚C to +150˚C
Lead Temperature
(Soldering, <10 sec.)
265˚C
ESD Tolerance,
Human Body Model
Machine Model
2kV
200V
Junction Temperature (T
J)
150˚C
Operating Ratings (Note 2)
V
CC
+80V to +125V
V
BB
+6V to +10V
V
IN
+1V to +5V
V
OUT
+25V to +115V
Case Temperature
100˚C
Do not operate the part without a heatsink
Electrical Characteristics
(See Figure 2 for Test Circuit) Unless otherwise noted: V
CC = +120V, VBB = +8V, CL = 8 pF, TC = 50˚C
DC Tests: V
IN = +2.2 VDC
AC Tests: Output = 60 V
P-P (45V − 105V) at 1 MHz
Symbol
Parameter
Conditions
LM2460
Units
Min
Typ
Max
I
CC
Supply Current
All Three Channels, No Video
Input, No Output Load
35
45
mA
I
BB
Bias Current
All Three Channels
15
25
mA
V
OUT, 1
DC Output Voltage
No AC Input Signal, V
IN = 2.2
V
DC
73
78
83
V
DC
V
OUT, 2
DC Output Voltage
No AC Input Signal, V
IN = 1.2
V
DC
104
109
114
V
DC
A
V
DC Voltage Gain
No AC Input Signal
−28
−32
−34
V/V
∆A
V
Gain Matching
(Note 4), No AC Input Signal
1.0
dB
LE
Linearity Error
(Note 4), (Note 5), No AC Input
Signal
10
%
t
r (60 VP-P)
Rise Time, 45V to 105V
(Note 6), 10% to 90%
8.0
ns
t
f (60 VP-P)
Fall Time, 45V to 105V
(Note 6), 90% to 10%
11.5
ns
t
r (40 VP-P)
Rise Time, 65V to 105V
(Note 6), 10% to 90%
7.7
ns
t
f (40 VP-P)
Fall Time, 65V to 105V
(Note 6), 90% to 10%
9.5
ns
OS
Overshoot
(Note 6)
5
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may change when the device is not operated under the listed test
conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Calculated value from Voltage Gain test on each channel.
Note 5: Linearity Error is the variation in dc gain from VIN = 1.1V to VIN = 3.8V.
Note 6: Input from signal generator: tr,tf < 1 ns.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com