Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3042 Datasheet(PDF) 21 Page - Linear Technology

Part # LT3042
Description  20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3042 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT3042 Datasheet HTML 17Page - Linear Technology LT3042 Datasheet HTML 18Page - Linear Technology LT3042 Datasheet HTML 19Page - Linear Technology LT3042 Datasheet HTML 20Page - Linear Technology LT3042 Datasheet HTML 21Page - Linear Technology LT3042 Datasheet HTML 22Page - Linear Technology LT3042 Datasheet HTML 23Page - Linear Technology LT3042 Datasheet HTML 24Page - Linear Technology LT3042 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LT3045-1
21
30451fa
For more information www.linear.com/LT3045-1
APPLICATIONS INFORMATION
LT3045-1incorporatesfaststart-upcircuitrythatincreases
the SET pin current to about 2mA during start-up.
As shown in the Block Diagram, the 2mA current source
remains engaged while PGFB is below 300mV, unless the
regulator is in current limit, dropout, thermal shutdown
or input voltage is below minimum VIN.
If fast start-up capability is not used, tie PGFB to IN or to
OUT for output voltages above 300mV. Note that doing
so also disables power good functionality.
ENABLE/UVLO
The EN/UV pin is used to put the regulator into a micro-
power shutdown state. The LT3045-1 has an accurate
1.24V turn-on threshold on the EN/UV pin with 130mV
of hysteresis. This threshold can be used in conjunction
with a resistor divider from the input supply to define an
accurate undervoltage lockout (UVLO) threshold for the
regulator.TheEN/UVpincurrent(IEN)atthethresholdfrom
the Electrical Characteristics table needs to be considered
when calculating the resistor divider network:
VIN(UVLO) =1.24V • 1+
REN2
REN1
⎛
⎝
⎜
⎞
⎠
⎟+IEN •REN2
The EN/UV pin current (IEN) can be ignored if REN1 is less
than 100k. If unused, tie EN/UV pin to IN.
Programmable Power Good
As illustrated in the Block Diagram, power good thresh-
old is user programmable using the ratio of two external
resistors, RPG2 and RPG1:
VOUT(PG_THRESHOLD) =0.3V • 1+
RPG2
RPG1
⎛
⎝
⎜
⎞
⎠
⎟+IPGFB •RPG2
IfthePGFBpinincreasesabove300mV,theopen-collector
PG pin de-asserts and becomes high impedance. The
power good comparator has 7mV hysteresis and 5µs of
deglitching.ThePGFBpincurrent(IPGFB)fromtheElectrical
Characteristicstablemustbeconsideredwhendetermining
the resistor divider network. The PGFB pin current (IPGFB)
can be ignored if RPG1 is less than 30k. If power good
functionality is not used, float the PG pin. Please note that
programmable power good and fast start-up capabilities
are disabled for output voltages below 300mV.
Externally Programmable Current Limit
TheILIMpin’scurrentlimitthresholdis300mV.Connecting
a resistor from ILIM to GND sets the maximum current
flowing out of the ILIM pin, which in turn programs the
LT3045-1’scurrentlimit.Witha150mA•kΩprogramming
scale factor, the current limit can be calculated as follows:
Current Limit =
150mA •kΩ
RILIM
For example, a 1kΩ resistor programs the current limit
to 150mA and a 2kΩ resistor programs the current limit
to 75mA. For good accuracy, Kelvin connect this resistor
to the LT3045-1’s GND pin.
In cases where IN-to-OUT differential is greater than 12V,
the LT3045-1’s foldback circuitry decreases the internal
current limit. As a result, internal current limit may over-
ride the externally programmed current limit level to keep
the LT3045-1 within its safe-operating-area (SOA). See
the Internal Current Limit vs Input-to-Output Differential
graph in the Typical Performance Characteristics section.
AsshownintheBlockDiagram,theILIMpinsourcescurrent
proportional (1:500) to output current; therefore, it also
serves as a current monitoring pin with a 0V to 300mV
range. If external current limit or current monitoring is
not used, tie ILIM to GND.
Output Overshoot Recovery
During a load step from full load to no load (or light
load), the output voltage overshoots before the regulator
responds to turn the power transistor OFF. Given that there
is no load (or very light load) present at the output, it takes
a long time to discharge the output capacitor.
As illustrated in the Block Diagram, the LT3045-1 incor-
porates an overshoot recovery circuitry that turns on a
current sink to discharge the output capacitor in the event
OUTS is higher than SET. This current is typically about
4mA. No load recovery is disabled for input voltages less
than 2.5V or output voltages less than 1.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com