Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6016 Datasheet(PDF) 5 Page - Linear Technology

Part # LT6016
Description  3.2MHz, 0.8V/關s Low Power, Over-The-Top Precision Op Amps
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6016 Datasheet(HTML) 5 Page - Linear Technology

  LT6016 Datasheet HTML 1Page - Linear Technology LT6016 Datasheet HTML 2Page - Linear Technology LT6016 Datasheet HTML 3Page - Linear Technology LT6016 Datasheet HTML 4Page - Linear Technology LT6016 Datasheet HTML 5Page - Linear Technology LT6016 Datasheet HTML 6Page - Linear Technology LT6016 Datasheet HTML 7Page - Linear Technology LT6016 Datasheet HTML 8Page - Linear Technology LT6016 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LT6015/LT6016/LT6017
5
601567ff
For more information www.linear.com/LT6015
elecTrical characTerisTics The
l
denotes the specifications which apply over the specified
temperature range, –40°C < TA < 85°C for I-grade parts, –40°C < TA < 125°C for H–grade parts, otherwise specifications are at
TA = 25°C, VS = ±15V, VCM = VOUT = mid-supply.
SYMBOL PARAMETER
CONDITIONS
MIN
MP-GRADE
TYP
MAX
UNITS
VOS
Input Offset Voltage
0 < VCM < V+ – 1.75V
MS8 Package
0 < VCM < V+ – 1.75V
DJC22 Package
VCM = 5V
VCM = 76V
0 < VCM < V+ –1.75V
VCM = 5V to VCM = 76V
l
l
–50
–80
–125
–135
–500
–600
±25
±45
±50
±50
±45
±50
50
80
125
135
500
600
µV
µV
µV
µV
µV
µV
µV
∆VOS
∆TEMP
Input Offset Voltage Drift
0.75
µV/°C
∆VOS
∆TIME
Long Term Voltage Offset Stability
0.75
µV/Mo
IB
Input Bias Current
0.25V < VCM < V+ – 1.75V
VCM = 0V
VCM = 5V to 76V
0.25V < VCM < V+ – 1.75V
VCM = 0V
VCM = 5V to 76V
VS = 0V, VCM = 0V to 76V
l
l
l
l
–5
–60
11
–100
–500
6.5
±2
–16.5
14
±2
–16.5
14
0.001
5
0
17.5
100
0
24
4
nA
nA
µA
nA
nA
µA
µA
IOS
Input Offset Current
0.25V < VCM < V+ – 1.75V
VCM = 0V
VCM = 5V to 76V (Note 6)
0.25V < VCM < V+ – 1.75V
VCM = 0V
VCM = 5V to 76V (Note 6)
l
l
l
–5
–5
–500
–50
–200
–500
±2
±2
±50
±2
±2
±150
5
5
500
50
200
500
nA
nA
nA
nA
nA
nA
VCMR
Common Mode Input Range
l
0
76
V
CIN
Differential Input Capacitance
5
pF
RIN
Differential Input Resistance
0 < VCM < V+ – 1.75V
VCM > V+
1
3.7
MΩ
kΩ
RINCM
Common Mode Input Resistance
0 < VCM < V+ – 1.75V
VCM > V+
>1
>100
GΩ
MΩ
The l denotes the specifications which apply over the specified temperature range, –55°C < TJUNCTION < 150°C for MP-grade parts,
otherwise specifications are at TA = 25°C, VS = 5V, VCM = VOUT = mid-supply.
SYMBOL PARAMETER
CONDITIONS
MIN
I-, H-GRADE
TYP
MAX
UNITS
ISC
Short-Circuit Current
VS = ±15V, 50Ω to GND
VS = ±15V, 50Ω to GND
l
l
10
10
30
32
mA
mA
GBW
Gain Bandwidth Product
fTEST = 100kHz
l
2.9
2.55
3.3
3.3
MHz
MHz
SR
Slew Rate
∆VOUT = 3V
l
0.6
0.5
0.8
0.8
V/µs
V/µs
tS
Settling Time Due to Input Step
0.1% Settling
∆VOUT = ±2V
3.5
µs
VS
Supply Voltage
Reverse Supply
IS = –25µA/Amplifier
l
l
3
3.3
–65
50
50
–30
V
V
V
IS
Supply Current Per Amplifier
SOT-23 Package
MS8, DJC22 Packages
VS = ±25V, SOT-23 Package
VS = ±25V, MS8, DJC22 Package
VS = ±25V
l
l
325
325
325
340
340
340
360
350
525
370
360
550
µA
µA
µA
µA
µA
µA
RO
Output Impedance
∆IO = ±5mA
0.15
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com