Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3071 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3071
Description  800mA Single Resistor Rugged Linear Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3071 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3071 Datasheet HTML 18Page - Linear Technology LT3071 Datasheet HTML 19Page - Linear Technology LT3071 Datasheet HTML 20Page - Linear Technology LT3071 Datasheet HTML 21Page - Linear Technology LT3071 Datasheet HTML 22Page - Linear Technology LT3071 Datasheet HTML 23Page - Linear Technology LT3071 Datasheet HTML 24Page - Linear Technology LT3071 Datasheet HTML 25Page - Linear Technology LT3071 Datasheet HTML 26Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LT3088
24
3088fb
For more information www.linear.com/LT3088
PACKAGE DESCRIPTION
Please refer to http://www.linear.com/product/LT3088#packaging for the most recent package drawings.
.050
(1.270)
.143 +.012
–.020
(
)
3.632 +0.305
–0.508
.100
(2.54)
BSC
.013 – .023
(0.330 – 0.584)
.095 – .115
(2.413 – 2.921)
.004 +.008
–.004
(
)
0.102 +0.203
–0.102
.050 ±.012
(1.270 ±0.305)
.059
(1.499)
.045 – .055
(1.143 – 1.397)
.165 – .180
(4.191 – 4.572)
.330 – .370
(8.382 – 9.398)
.060
(1.524)
TYP
.390 – .415
(9.906 – 10.541)
15°
.300
(7.620)
.075
(1.905)
.183
(4.648)
.060
(1.524)
.060
(1.524)
.256
(6.502)
BOTTOM VIEW OF DD PAK
HATCHED AREA IS SOLDER PLATED
COPPER HEAT SINK
M (DD3) 0212 REV F
.420
.350
.585
.090
.070
.100
.420
.276
.325
.205
.080
.585
.090
.070
.100
RECOMMENDED SOLDER PAD LAYOUT
FOR THICKER SOLDER PASTE APPLICATIONS
RECOMMENDED SOLDER PAD LAYOUT
NOTE:
1. DIMENSIONS IN INCH/(MILLIMETER)
2. DRAWING NOT TO SCALE
.320
M Package
3-Lead Plastic DD Pak
(Reference LTC DWG # 05-08-1460 Rev F)
DETAIL A
DETAIL A
0° – 7° TYP
0° – 7° TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com