Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT6004 Datasheet(PDF) 14 Page - Linear Technology

Part # LT6004
Description  Dual Micropower, 1.4V/關s Precision Rail-to-Rail Output Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6004 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT6004 Datasheet HTML 10Page - Linear Technology LT6004 Datasheet HTML 11Page - Linear Technology LT6004 Datasheet HTML 12Page - Linear Technology LT6004 Datasheet HTML 13Page - Linear Technology LT6004 Datasheet HTML 14Page - Linear Technology LT6004 Datasheet HTML 15Page - Linear Technology LT6004 Datasheet HTML 16Page - Linear Technology LT6004 Datasheet HTML 17Page - Linear Technology LT6004 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
LT6023/LT6023-1
14
60231fa
For more information www.linear.com/LT6023
Figure 5. Increased Ib Beyond VICM
7
6
5
4
3
2
1
0
–1
–2
–3
0
5
–5
–10
–15
10
15
INPUT COMMON MODE VOLTAGE (V)
60231 F05
However the open loop gain is significantly reduced. While
the output roughly tracks the input, the reduction in open
loop gain degrades the accuracy of the LT6023 in this
region. Exceeding the input common mode range also
causesasignificantincreaseininputbiascurrentasshown
in Figure 5. The output of the LT6023 is guaranteed over
thespecifiedtemperaturerangenottophaseinvertaslong
as the input voltage does not exceed the supply voltage.
Preserving Input Precision
Preserving the input accuracy of the LT6023 requires
that the application circuit and PC board layout do not
introduce errors comparable to or greater than the offset
of the amplifiers. Temperature differentials across the
input connections can generate thermocouple voltages of
tens of microvolts so the connections of the input leads
should be short, close together and away from heat dis-
sipating components. Air currents across the board can
also generate temperature differentials.
As is the case with all amplifiers, a change in load
current changes the finite open loop gain. Increased load
current reduces the open loop gain as seen in the Typical
Performance Characteristics section. This results in a
APPLICATIONS INFORMATION
changeininputoffsetvoltage.Underlargesignalconditions
with load currents of ±1mA the effective change in input
error is just tens of microvolts. In precision applications it
is important to consider amplifier loading when selecting
feedback resistor values as well as the loads on the device.
Feedback Components
Care must be taken to ensure that the phase shift formed
by the feedback resistors and the parasitic capacitance at
theinvertinginputdoesnot degradestability.Forexample,
in a gain of +2 configuration, with 1M feedback resistors
and a poorly designed circuit board layout with parasitic
capacitance of 10pF (amplifier + PC board) at the ampli-
fier’s inverting input will cause the amplifier to have poor
phase margin due to a pole formed at 32kHz. An additional
capacitor of 10pF across the feedback resistor as shown
in Figure 6 will eliminate any ringing or oscillation.
Capacitive Loads
The LT6023 can drive capacitive loads up to 100pF in
unity gain. The capacitive load driving capability increases
as the amplifier is used in higher gain configurations. A
small series resistance between the output and the load
will further increase the amount of capacitance that the
amplifier can drive.
Figure 6. Stability with Parasitic Input Capacitance
1M
1M
10pF
CPAR
VOUT
VIN
60231 F06
+
–
LT6023



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com