Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3085 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3085
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3085 Datasheet(HTML) 2 Page - Linear Technology

  LT3085 Datasheet HTML 1Page - Linear Technology LT3085 Datasheet HTML 2Page - Linear Technology LT3085 Datasheet HTML 3Page - Linear Technology LT3085 Datasheet HTML 4Page - Linear Technology LT3085 Datasheet HTML 5Page - Linear Technology LT3085 Datasheet HTML 6Page - Linear Technology LT3085 Datasheet HTML 7Page - Linear Technology LT3085 Datasheet HTML 8Page - Linear Technology LT3085 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
LT3065 Series
2
3065fc
For more information www.linear.com/LT3065
http://www.linear.com/product/LT3065#orderinfo
absoluTe MaxiMuM raTings
IN Pin Voltage .........................................................±50V
OUT Pin Voltage........................................... +40V, –50V
Input-to-Output Differential Voltage (Note 2)..+50V, –40V
ADJ Pin Voltage ......................................................±50V
SENSE Pin Voltage..................................................±50V
SHDN Pin Voltage ...................................................±50V
PWRGD Pin Voltage.......................................–0.3V, 50V
IMAX Pin Voltage ..............................................–0.3V, 7V
REF/BYP Pin Voltage...................................................1V
(Note 1)
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3065EDD#PBF
LT3065EDD#TRPBF
LGKS
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065IDD#PBF
LT3065IDD#TRPBF
LGKS
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065HDD#PBF
LT3065HDD#TRPBF
LGKS
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 150°C
LT3065MPDD#PBF
LT3065MPDD#TRPBF
LGKS
10-Lead (3mm x 3mm) Plastic DFN
–55°c to 150°C
LT3065EDD-1.2#PBF
LT3065EDD-1.2#TRPBF
LGQV
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065IDD-1.2#PBF
LT3065IDD-1.2#TRPBF
LGQV
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065HDD-1.2#PBF
LT3065HDD-1.2#TRPBF
LGQV
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 150°C
LT3065MPDD-1.2#PBF
LT3065MPDD-1.2#TRPBF
LGQV
10-Lead (3mm x 3mm) Plastic DFN
–55°C to 150°C
LT3065EDD-1.5#PBF
LT3065EDD-1.5#TRPBF
LGQW
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065IDD-1.5#PBF
LT3065IDD-1.5#TRPBF
LGQW
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065HDD-1.5#PBF
LT3065HDD-1.5#TRPBF
LGQW
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 150°C
LT3065MPDD-1.5#PBF
LT3065MPDD-1.5#TRPBF
LGQW
10-Lead (3mm x 3mm) Plastic DFN
–55°C to 150°C
LT3065EDD-1.8#PBF
LT3065EDD-1.8#TRPBF
LGQX
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065IDD-1.8#PBF
LT3065IDD-1.8#TRPBF
LGQX
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
LT3065HDD-1.8#PBF
LT3065HDD-1.8#TRPBF
LGQX
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 150°C
LT3065MPDD-1.8#PBF
LT3065MPDD-1.8#TRPBF
LGQX
10-Lead (3mm x 3mm) Plastic DFN
–55°C to 150°C
LT3065EDD-2.5#PBF
LT3065EDD-2.5#TRPBF
LGQY
10-Lead (3mm x 3mm) Plastic DFN
–40°C to 125°C
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm
× 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
OUT
OUT
ADJ/SENSE*
GND/ADJ*
REF/BYP
IN
IN
SHDN
PWRGD
IMAX
TJMAX = 150°C, θJA = 31°C/W, θJC = 9°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
IN
IN
SHDN
PWRGD
IMAX
NC
12
11
10
9
8
7
OUT
OUT
ADJ/SENSE*
GND/ADJ*
REF/BYP
NC
TOP VIEW
13
GND
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 28°C/W, θJC = 6°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
*Pin 7: GND for LT3065, ADJ for LT3065-1.2, LT3065-1.5, LT3065-1.8, LT3065-2.5,
LT3065-3.3, LT3065-5
*Pin 8: ADJ for LT3065, SENSE for LT3065-1.2, LT3065-1.5, LT3065-1.8, LT3065-2.5,
LT3065-3.3, LT3065-5
*Pin 9: GND for LT3065, ADJ for LT3065-1.2, LT3065-1.5, LT3065-1.8, LT3065-2.5,
LT3065-3.3, LT3065-5
*Pin 10: ADJ for LT3065, SENSE for LT3065-1.2, LT3065-1.5, LT3065-1.8, LT3065-2.5,
LT3065-3.3, LT3065-5
pin conFiguraTion
Output Short-Circuit Duration.......................... Indefinite
Operating Junction Temperature Range (Notes 3, 5, 14)
E-, I-Grades ....................................... –40°C to 125°C
MP-Grade .......................................... –55°C to 150°C
H-Grade ............................................. –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
MSOP Package Only.........................................300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com