Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2000A Datasheet(PDF) 38 Page - Linear Technology

Part # LTC2000A
Description  16-/14-/11-Bit 2.7Gsps DACs
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2000A Datasheet(HTML) 38 Page - Linear Technology

Back Button LTC2000A Datasheet HTML 34Page - Linear Technology LTC2000A Datasheet HTML 35Page - Linear Technology LTC2000A Datasheet HTML 36Page - Linear Technology LTC2000A Datasheet HTML 37Page - Linear Technology LTC2000A Datasheet HTML 38Page - Linear Technology LTC2000A Datasheet HTML 39Page - Linear Technology LTC2000A Datasheet HTML 40Page - Linear Technology LTC2000A Datasheet HTML 41Page - Linear Technology LTC2000A Datasheet HTML 42Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
LTC2000A
38
2000afb
For more information www.linear.com/LTC2000A
APPLICATIONS INFORMATION
are synchronized the mismatch in the DAC output timing
will be limited to 30ps.
Once all the DAC sample clocks and LVDS data clocks are
aligned, determine whether any DACs are being updated
onecyclelate(suchasDACXinFigure15a)bydetermining
whether DCKIP/N is arriving at the DACs within the same
CKP/N clock cycle. To do this in dual-port mode, first use
the phase comparator outputs SYNC_PH and Table 12
to determine the delay from the DCKIP/N rising edge to
the next CKP/N rising edge for each DAC (measured in
sample clock cycles).
Recall that the DCKIP/N timing mismatch must be kept
below 0.4 cycles of the sample clock. If DCKIP/N ar-
rives at both DACs within the same sample clock cycle,
the difference in DCKIP/N to CKP/N delays indicated by
SYNC_PH will equal the actual DCKIP/N timing mismatch,
and thus will be less than 0.4 cycles. If DCKIP/N arrives
at the DACs within different cycles, as in Figure 15a, the
difference in the delays indicated by SYNC_PH will equal
1 cycle minus the actual DCKIP/N timing mismatch, and
thus will be greater than 0.4 cycles. Thus if the difference
between the delays indicated by SYNC_PH is greater than
CKP/N
DAC X
LTC2000A
DCKIP/N
LVDS DATA
LVDS CLK
MATCHED
DELAYS
MATCHED
DELAYS
DAP/N
DBP/N
CKP/N
DAC Y
LTC2000A
DCKIP/N
2000A F14
LVDS DATA
LVDS CLK
DAP/N
DBP/N
CLOCK
SOURCE
FPGA
DAP/N[15:0]
N
N+2
N+4
N+6
N+8
N+10
DBP/N[15:0]
DAC X
DCKIP/N
DAC X
IOUTP/N
DAC X
IOUTP/N
(ADJUSTED)
DAC Y
IOUTP/N
DAC Y
DCKIP/N
CKP/N
N+1
N+3
0.9
CYCLES
0.1 CYCLES
10 CYCLES
N
2000A F15a
N+5
N+7
N+9
N+11
N
N+1
N
N+1
9 CYCLES
10 CYCLES
Figure 14. System with Multiple LTC2000A DACs Synchronized
Figure 15a. Sample Waveforms — Synchronizing Multiple LTC2000As in Dual Port Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com