Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3752-1 Datasheet(PDF) 4 Page - Linear Technology

Part # LT3752-1
Description  Synchronous Rectifier Controller with Opto-Coupler Driver for Forward Converters
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3752-1 Datasheet(HTML) 4 Page - Linear Technology

  LT3752-1 Datasheet HTML 1Page - Linear Technology LT3752-1 Datasheet HTML 2Page - Linear Technology LT3752-1 Datasheet HTML 3Page - Linear Technology LT3752-1 Datasheet HTML 4Page - Linear Technology LT3752-1 Datasheet HTML 5Page - Linear Technology LT3752-1 Datasheet HTML 6Page - Linear Technology LT3752-1 Datasheet HTML 7Page - Linear Technology LT3752-1 Datasheet HTML 8Page - Linear Technology LT3752-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
LT8311
4
8311f
For more information www.linear.com/LT8311
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply
VIN Operating Range
l
3.7
30
V
VIN UVLO
VIN Rising
Hysteresis
l
50
3.6
100
3.7
150
V
mV
Quiescent Current
Not Switching
4.5
5.5
mA
Error Amplifier
Feedback Reference Voltage
VIN = 12V
l
1.209
1.227
1.245
V
Feedback Voltage Line Regulation
3.7V ≤ VIN ≤ 30V, % of FB Ref Voltage
0.015
0.1
%
Feedback Voltage Load Regulation
1.3V ≤ COMP ≤ 1.8V, % of FB Ref Voltage
0.05
0.1
%
Feedback Pin Bias Current
Current Out of FB pin
120
200
nA
Error Amplifier Transconductance
1.3V ≤ COMP ≤ 1.8V
370
µmhos
Error Amplifier Voltage Gain
1.3V ≤ COMP ≤ 1.8V
65
dB
Error Amplifier Output Swing High
FB = 1V
1.9
2.3
2.8
V
Error Amplifier Output Swing Low
FB = 1.5V
0.75
1
1.25
V
Power Good
Power NOT Good (Outside This Window) % Relative to FB Ref Voltage
±4
±10
±16
%
Power Good (Inside This Window)
% Relative to FB Ref Voltage
±7
%
Power Good Indicator Wait Time
Minimum Time That FB Must Stay within Power Good Window
Before PGOOD Pin Goes Low
175
µs
Power Good Leakage
PGOOD = 30V
±1
µA
Power Good Output Low Voltage
Current into PGOOD Pin = 1mA
l
0.2
0.3
V
Soft-Start (SS)
SS Wake-Up Slew Current
Current Exists Upon Part Wake Up, Shuts Off After SS Wake Up
Offset Voltage Is Satisfied (Note 6)
1
mA
SS Wake-Up Offset Voltage
VFB – VSS, Upon Part Wake Up SS Is Slewed Up to an Offset
Voltage Below FB by SS Wake-Up Slew Current
16
mV
SS Charge Current
SS = 0V, FB = 0.6V (Note 9)
l
9
10
11
µA
SS Pull-Down Amplifier Offset Voltage
VSS – VFB, Pull-Down Amplifier Prevents SS from Rising Beyond
This Offset Voltage Above FB When the FB Pin Voltage Is Below
50% of the FB Reference Voltage
100
mV
SS Pull-Down Amplifier Maximum
Sink Current
SS = 1.5V, FB = 0.6V (Note 7)
13
mA
SS High Clamp Voltage
1.8
2
V
Opto Driver
COMP Buffer Input Offset Voltage
1.3V ≤ COMP (Note 5)
0.9
V
Opto-Driver Reference Voltage
(Note 5)
1
V
Opto-Driver DC Gain
(Note 5)
–7
V/V
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 12V, VINTVCC = 8V, PMODE = 5V, CCG = CFG = 100pF, unless
otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com